Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL Datasheet(PDF) 2 Page - RFE international

Part # RGL
Description  Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RGL Datasheet(HTML) 2 Page - RFE international

  RGL Datasheet HTML 1Page - RFE international RGL Datasheet HTML 2Page - RFE international RGL Datasheet HTML 3Page - RFE international RGL Datasheet HTML 4Page - RFE international RGL Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
120 Hz 100k Hz
120 Hz 100k Hz
120 Hz 100k Hz
120 Hz
100k Hz
120 Hz
100k Hz
15
8 x 30
190
285
22
8 x 35
250
375
27
8 x 40
300
450
10 x 30 245
370
33
8 x 45
350
525
10 x 35 295
445
39
8 x 50
390
585
10 x 40 345
515
47
10 x 45 400
600
56
10 x 50 450
675
12.5 x 30
470
705
68
12.5 x 35
540
810
82
12.5 x 40
620
930
100
16 x 35.5
800
1,200
16 x 40
840
1,260
150
16 x 45
940
1,410
180
16 x 50
1050
1,575 18 x 40
1,060
1,590
220
18 x 45
1,200
1,800
15
8 x 30
195
293
22
8 x 35
255
383
27
8 x 45
320
480
10 x 30 245
370
33
8 x 50
370
555
10 x 35 295
445
39
10 x 40 345
515
47
10 x 45 400
600
56
10 x 50 450
675
12.5 x 30
470
705
68
12.5 x 35
540
810
82
12.5 x 45
630
945
100
12.5 x 50
730
1,095 16 x 35.5
730
1,095
120
16 x 40
840
1,260
150
16 x 45
940
1,410 18 x 35.5
920
1,380
180
16 x 50
1,050
1,575 18 x 40
1,060
1,590
220
18 x 50
1,220
1,830
15
8 x 30
195
293
22
8 x 40
270
405
10 x 30 225
330
27
8 x 45
320
480
10 x 35 265
400
33
8 x 50
370
555
10 x 40 315
475
39
10 x 45 360
545
47
10 x 50 420
625 12.5 x 30
430
645
56
12.5 x 35
490
735
68
12.5 x 40
560
840
82
12.5 x 45
630
945
100
12.5 x 50
730
1,095 16 x 35.5
730
1,095
120
16 x 45
840
1,260 18 x 35.5
820
1,230
16 x 50
980
1,470 18 x 40
970
1,455
18 x 45
995
1,490
18 x 45
1,090
1,635
18 x 50
1,140
1,710
16
Ripple Current
Ripple Current
8
V. DC
Cap.
(µF)
10
420V
(2P)
450V
(2W)
150
180
18
Ripple Current
400V
(2G)
120
D x L
D x L
D x L
D x L
D x L
Ripple Current
12.5
Ripple Current
Aluminum Electrolytic Capacitors
RGL Series: Radial, Slim Type, 105
°C
Page 2 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
DIMENSIONS AND PERMISSIBLE RIPPLE CURRENT
06-OCT-2023



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com