Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL Datasheet(PDF) 1 Page - RFE international

Part # RGL
Description  Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RGL Datasheet(HTML) 1 Page - RFE international

  RGL Datasheet HTML 1Page - RFE international RGL Datasheet HTML 2Page - RFE international RGL Datasheet HTML 3Page - RFE international RGL Datasheet HTML 4Page - RFE international RGL Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Unit: mm
Vent > 8
Sleeve
D
8
10 12.5 16
18
P 3.5 5.0 5.0 7.5
7.5
d
0.5
0.8
0.6
2.0
Items
Life
Capacitance Tolerance
400
420
450
0.24
0.24
0.24
400
420
450
5
6
6
6
--
--
60
120
500
1k
0.80
1.00
1.25
1.45
Other Standards
1.50
Within specified value
* The above specifications shall be satisfied when the capacitors are restored to 20 °C after exposing
them for 1,000 hrs at 105 °C without voltage applied. The rated voltage shall be applied to the capacitors
before the measurements. (Refer to JIS C 5101-4 4.1).
JIS C 5101-4
Time
Capacitance Change
Dissipation Factor
1,000 hours
Within + 20% of initial value
Less than 200% of specified value
2,000 hrs
Within + 20% of initial value
Less than 200% of specified value
Within specified value
* The above specifications shall be satisfied when the capacitors are restored to 20 °C
after the rated voltage applied with rated ripple current for 2,000 hrs at 105 °C.
10k up
Performance
at 105 °C 2000 Hours
-40 °C ~ +105 °C
-25 °C ~ +105 °C
420 ~ 450V
400V
+20% (at 120Hz, 20 °C)
after 5 minutes
CV < 1,000 I = 0.03CV + 15(µA)
CV > 1,000
I = 0.02CV+25 (µA)
Low Temperature
Characteristics (at 120Hz)
Impedance
Ratio
Z (-25°C) / Z (+20 °C)
Dissipation Factor
(Tan at 120Hz, 20°C)
Rated Voltage
Tan (max)
Where C = rated capacitance in µF. V = rated DC working voltage in V.
Impedance ratio shall not exceed the values given in the table below.
Operating Temp.
Leakage Current
(at 20 °C)
Leakage Current
Ripple Current &
Frequency Multipliers
Freq. (Hz)
Multipliers
Leakage Current
Shelf Life Test
Test Time
Rated Voltage
Z (-40°C) / Z (+20°C)
Leakage Current
Load Life Test
Test Time
Capacitance Change
Dissipation Factor
Aluminum Electrolytic Capacitors
RGL Series: Radial, Slim Type, 105
°C
FEATURES
SPECIFICATIONS
• Long life, 105°C, 2,000 hours assured.
• Smaller size with large permissible ripple current
• Slim Type
LEAD SPACING AND DIAMETER SPECIFICATIONS
Page 1 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 06-OCT-2023


Similar Part No. - RGL

ManufacturerPart #DatasheetDescription
logo
Surge Components
RGL SURGE-RGL Datasheet
1Mb / 2P
rohs compliance
logo
Roithner LaserTechnik G...
RGL-402-9C ROITHNER-RGL-402-9C Datasheet
248Kb / 2P
Single Glass Lens Laser Diode Collimator
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A Datasheet
155Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results

Similar Description - RGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
U673D VISHAY-U673D Datasheet
384Kb / 13P
Aluminum Capacitors 105 °C, Tubular Radial Lead
16-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
23-May-13
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
RGA RFE-RGA Datasheet
1Mb / 6P
Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com