Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGA Datasheet (PDF) - RFE international

RGA Datasheet PDF - RFE international
Part # RGA
Download  RGA Download
File Size   1374.33 Kbytes
Page   6 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C

RGA Datasheet (PDF)

Go To PDF Page Download Datasheet
RGA Datasheet PDF - RFE international

Part # RGA
Download  RGA Click to download

File Size   1374.33 Kbytes
Page   6 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C

RGA Datasheet (HTML) - RFE international


RGA Product details

FEATURES
• High temperature, 105°C
• For general purposes
• Replaces RG & RHG Series




Similar Part No. - RGA

ManufacturerPart #DatasheetDescription
logo
Surge Components
RGA SURGE-RGA Datasheet
204Kb / 2P
rohs compliance
logo
TDK Electronics
RGA TDK-RGA Datasheet
1Mb / 6P
300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
March 2nd, 2023 V2
logo
RFE international
RGA221M1HBK100200 RFE-RGA221M1HBK100200 Datasheet
197Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RGA Series: Radial High Temperature, 105C
logo
TDK Electronics
RGA24250W014A-001 TDK-RGA24250W014A-001 Datasheet
207Kb / 2P
DC-DC Converters
May 11, 2022
RGA24250W014A-001 TDK-RGA24250W014A-001 Datasheet
1Mb / 6P
250W, 9 to 40V, or 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck Converters
June 30th, 2022 V1
More results


Similar Description - RGA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
RFE international
RGA221M1HBK100200 RFE-RGA221M1HBK100200 Datasheet
197Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RGA Series: Radial High Temperature, 105C
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
23-May-13
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
RGL RFE-RGL Datasheet
991Kb / 5P
Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
06-OCT-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com