Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGA Datasheet(PDF) 2 Page - RFE international

Part # RGA
Description  Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RGA Datasheet(HTML) 2 Page - RFE international

  RGA Datasheet HTML 1Page - RFE international RGA Datasheet HTML 2Page - RFE international RGA Datasheet HTML 3Page - RFE international RGA Datasheet HTML 4Page - RFE international RGA Datasheet HTML 5Page - RFE international RGA Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aluminum Electrolytic Capacitors
RGA Series: Radial High Temperature, 105°C
Page 2 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 11-06-OCT-2023
DIMENSIONS AND PERMISSIBLE RIPPLE CURRENT
D X L
mA
D X L
mA
D X L
mA
D X L
mA
D X L
mA
D X L
mA
D X L
mA
0.1
0R1
5 x 11
3
5 x 11
3.5
0.2
R22
5 x 11
5
5 x 11
5.1
0.3
R33
5 x 11
6
5 x 11
7.5
5 x 11
7
5 x 11
9
5 x 11
13
5 x 11
15
5 x 11
20
5 x 11
30
5 x 11
30
5 x 11
31
5 x 11
26
*5 x 11
30
5 x 11
33
5 x 11
36
5 x 11
35
5 x 11
43
5 x 11
46
5 x 11
50
5 x 11
54
5 x 11
49
5 x 11
58
5 x 11
62
5 x 11
71
5 x 11
78
6.3 x 11
86
5 x 11
54
5 x 11
60
5 x 11
71
5 x 11
76
6.3 x 11
90
6.3 x 11
96
8 x 11.5
114
*5 x 11
75
5 x 11
90
6.3 x 11
100
5 x 11
65
5 x 11
76
5 x 11
85
5 x 11
97
6.3 x 11
110
6.3 x 11
120
8 x 11.5
141
*5 x 11
90
6.3 x 11
130
5 x 11
95
5 x 11
105
6.3 x 11
133
6.3 x 11
142
8 x 11,5
180
8 x 11.5
188
10 x 12.5
235
5 x 11
110
*6.3 x 11
150
150
151
6.3 x 11
160
6.3 x 11
175
8 x 11.5
215
8 x 11.5
236
10 x 12.5
300
10 x 16
300
10 x 20
450
*5 x 11
140
6.3 x 11
190
*8 x 11.5
270
10 x 12.5
240
10 x 16
335
8 x 11.5
195
8 x 11.5
246
8 x 11.5
270
10 x 12.5
335
10 x 16
400
10 x 20
460
12.5 x 20
540
*6.3 x 11
190
6.3 x 11
200
8 x 11.5
310
*10 x 12.5
350
10 x 16
410
10 x 20
510
8 x 11.5
270
8 x 11.5
290
10 x 12.5
370
10 x 16
440
10 x 20
520
12.5 x 25
610
12.5 x 25
720
*6.3 x 11
230
8 x 11.5
310
10 x 12.5
380
*10 x 16
460
10 x 20
530
12.5 x 20
640
12.5 x 60
425
10 x 12.5
460
10 x 16
550
10 x 20
640
12.5 x 20
770
12.5 x 25
920
16 x 25
1,080
16 x 31.5
1,210
*8 x 11.5
380
10 x 12.5
460
10 x 16
560
10 x 20
680
*12.5 x 20
810
12.5 x 25
950
16 x 25
930
12.5 x 16
590
12.5 x 16
600
16 x 16
535
16 x 16
720
16 x 20
830
10 x 20
810
12.5 x 20
860
12.5 x 25
1000
16 x 25
1,170
16 x 31.5
1,340
18 x 35
2,120
18 x 40
2,340
*10 x 16
690
10 x 20
760
12.5 x 20
920
12.5 x 25
1,110
*16 x 25
1,260
16 x 35.5
1,470
13 x 16
690
16 x 16
830
16 x 20
970
18 x 20
1,110
12.5 x 20
960
12.5 x 20
1,100
16 x 25
1,300
16 x 31.5
1,460
16 x 35.5
1,610
22 x 40
2,290
22 x 40
2,510
*10 x 20
840
12.5 x 25
1,170
16 x 25
1,440 *16 x 31.5 1,420
18 x 35.5
1,770
12.5 x 16
700
16 x 16
940
16 x 16
950
18 x 20
1,220
18 x 25
1,570
16 x 20
1,050
16 x 25
1,330
16 x 25
1,400
16 x 32
1,600
18 x 35.5
1,780
18 x 40
1,920
25 x 40
2,610
25 x 40
3,000
*12.5 x 20 1090
12.5 x 25
1,260
16 x 25
1,480
16 x 31.5
1,710 *18 x 35.5 1,900
22 x 40
2,340
16 x 16
1,010
16 x 16
1,060
16 x 20
1,185
18 x 25
1,470
16 x 20
1,120
18 x 20
1,260
16 x 25
1,640
16 x 31.5
1,880
18 x 35.5
2,170
18 x 40
2,280
*12.5 x 25 1,460
16 x 25
1,690
16 x 31.5
1,930
18 x 35.5
2,160
16 x 20
1,190
16 x 20
1,270
18 x 25
1,560
18 x 20
1,330
16 x 31.5
2,200
16 x 35.5
2,400
18 x 35.5
2,640
*16 x 25
1,190
16 x 31.5
2,120
18 x 31.5
2,330
22 x 40
2,720
16 x 20
1,340
18 x 25
1,700
18 x 20
1,440
18 x 40
3,270
18 x 40
3,100
*18 x 35.5 2,930
22 x 40
3,460
6,800
682
10,000
103
22,000
223
2,200
222
3,300
332
4,700
472
330
331
470
471
1,000
102
35V(1V)
100
101
220
221
F
Code
6.3V(0J)
10V(1A)
16V(1C)
25V(1E)
0.47
R47
1
10
4.7
4R7
50V(1H)
63V(1J)
2.2
2R2
3.3
3R3
10
100
68
680
33
330
22
220
47
470



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com