Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGA Datasheet(PDF) 3 Page - RFE international

Part # RGA
Description  Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RGA Datasheet(HTML) 3 Page - RFE international

  RGA Datasheet HTML 1Page - RFE international RGA Datasheet HTML 2Page - RFE international RGA Datasheet HTML 3Page - RFE international RGA Datasheet HTML 4Page - RFE international RGA Datasheet HTML 5Page - RFE international RGA Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D X L
mA
D X L
mA
D X L
mA
D X L
mA
D X L
mA
D X L
mA
D X L
mA
0.1
0R1
5 x 11
4
0.2
R22
5 x 11
6
0.3
R33
5 x 11
8
5 x 11
9
6.3 x 11
13
6.3 x 11
14
8 x 11.5
18
8 x 11.5
18
8 x 11.5
18
10 x 12.5
22
*5 x 11
11
5 x 11
12
5 x 11
11
8 x 11.5
16
*6.3 x 11
15
8 x 11.5
18
5 x 11
15
6.3 x 11
20
6.3 x 11
21
8 x 11.5
27
8 x 11.5
27
8 x 11.5
27
10 x 12.5
32
*5 x 11
17
5 x 11
18
5 x 11
16
8 x11.5
23
*6.3 x 11
21
8 x 12
27
5 x 11
30
6.3 x 11
29
8 x 11.5
37
8 x 11.5
41
10 x 16
53
10 x 12.5
48
10 x 12.5
48
*5 x 11
25
6.3 x 11
30
6.3 x 11
35
10 x 11.5
41
*8 x 11.5
39
8 x 12
39
5 x 11
31
8 x 11.5
42
8 x 11.5
45
8 x 11.5
50
10 x 12.5
59
10 x 16
65
10 x 16
65
*6.3 x 11
36
6.3 x 11
39
6.3 x 11
40
10 x 11.5
47
*8 x 11.5
47
10 x 13
55
6.3 x 11
40
8 x 11.5
50
8 x 11.5
54
10 x 16
93
10 x 16
78
10 x 20
86
10 x 20
86
*6.3 x 11
43
6.3 x 11
43
8 x 11.5
60
10 x 12.5
65
*10 x 12.5
70
10 x 16
75
8 x 11.5
66
10 x 12.5
87
10 x 20
115
10 x 16
115
10 x 20
125
12.5 x 20
145
12.5 x 25
160
6.3 x 11
54
*8 x 11.5
73
10 x 12.5
94
10 x 12.5
92
10 x 16
105
*10 x 20
125
12.5 x 20
145
12.5 x 16
120
16 x 16
150
8 x 11.5
99
10 x 20
158
10 x 20
170
12.5 x 20
255
12l.5 x 25
235
16 x 25
265
16 x 25
265
6.3 x 11
93
*10 x 16
135
10 x 16
142
10 x 20
215
12.5 x 20
210 *12.5 x 25 235
16 x 20
245
12.5 x 16
200
16 x 20
220
10 x 12.5
148
12.5 x 20
225
12.5 x 25
265
12.5 x 25
348
16 x 31.5
365
16 x 31.5
360
16 x 31.5
360
8 x 11.5
130
*10 x 20
190
12.5 x 20
240
12.5 x 20
315
16 x 25
325
*16 x 25
325
16 x 25
325
12.5 x 16
215
16 x 16
250
18 x 20
270
16 x 16
250
10 x 16
180
12.5 x 25
295
12.5 x 25
315
16 x 25
468
16 x 31.5
395
16 x 35.5
420
18 x 40
515
10 x 12.5
165
*12.5 x 20 265
12.5 x 20
250
12.5 x 25
350
16 x 25
365 *16 x 31.5 390
16 x 35.5
420
12.5 x 16
230
16 x 16
275
16 x 20
300
18 x 25
350
16 x 16
275
16 x 20
300
16 x 20
330
16 x 20
330
18 x 20
350
18 x 20
350
12.5 x 20
320
16 x 25
485
16 x 35.5
565
16 x 35.5
610
18 x 40
575
22 x 40
595
22 x 45
625
10 x 20
265
*12.5 x 25 425
16 x 25
485
16 x 31.5
530
18 x 35.5
505
18 x 40
530
22 x 40
595
16 x 20
395
18 x 25
420
18 x 20
420
150
151
18 x 25
510
16 x 25
570
18 x 35.5
750
18 x 40
885
22 x 40
945
12.5 x 25
440
*16 x 31.5 660
18 x 35.5
835
16 x 31.5
700
18 x 40
865
16 x 25
540
*18 x 35.5 820
12.5 x 25
720
18 x 35.5
880
18 x 31.5
715
12.5 x 20
640
22 x 40
1,760
18 x 40
985
350V(2V)
400V(2G)
450V(2W)
22,000
223
100V(2A)
160V(2C)
200V(2D)
250V(2E)
4,700
472
6,800
682
10,000
103
1,000
102
2,200
222
3,300
332
220
221
330
331
470
471
47
470
68
680
100
101
10
100
22
220
33
330
10
2.2
2R2
3.3
3R3
4.7
4R7
F
Code
0.47
R47
1
Aluminum Electrolytic Capacitors
RGA Series: Radial High Temperature, 105°C
DIMENSIONS AND PERMISSIBLE RIPPLE CURRENT
(Continued)
Page 3 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 06-OCT-2023



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com