Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54450CDR Datasheet(PDF) 2 Page - Texas Instruments

Part # REF54450CDR
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF54450CDR Datasheet(HTML) 2 Page - Texas Instruments

  REF54450CDR Datasheet HTML 1Page - Texas Instruments REF54450CDR Datasheet HTML 2Page - Texas Instruments REF54450CDR Datasheet HTML 3Page - Texas Instruments REF54450CDR Datasheet HTML 4Page - Texas Instruments REF54450CDR Datasheet HTML 5Page - Texas Instruments REF54450CDR Datasheet HTML 6Page - Texas Instruments REF54450CDR Datasheet HTML 7Page - Texas Instruments REF54450CDR Datasheet HTML 8Page - Texas Instruments REF54450CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics REF54250.......................... 6
6.6 Electrical Characteristics REF54300.......................... 7
6.7 Electrical Characteristics REF54410.......................... 8
6.8 Electrical Characteristics REF54450.......................... 9
6.9 Electrical Characteristics REF54500........................ 10
6.10 Typical Characteristics............................................ 12
7 Parameter Measurement Information.......................... 14
7.1 Temperature Drift...................................................... 14
7.2 Long-Term Stability................................................... 15
7.3 Noise Performance................................................... 15
7.4 Thermal Hysteresis................................................... 18
7.5 Solder Heat Shift.......................................................18
7.6 Power Dissipation..................................................... 19
8 Detailed Description......................................................20
8.1 Overview................................................................... 20
8.2 Functional Block Diagram......................................... 20
8.3 Feature Description...................................................20
9 Application and Implementation.................................. 21
9.1 Application Information............................................. 21
9.2 Typical Applications.................................................. 21
9.3 Layout ...................................................................... 25
10 Device and Documentation Support..........................26
10.1 Documentation Support.......................................... 26
10.2 Receiving Notification of Documentation Updates..26
10.3 Support Resources................................................. 26
10.4 Trademarks.............................................................26
10.5 Electrostatic Discharge Caution..............................26
10.6 Glossary..................................................................26
11 Revision History.......................................................... 26
12 Mechanical, Packaging, and Orderable
Information.................................................................... 26
REF54
SNVSCN7 – NOVEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com