Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54450CDR Datasheet(PDF) 4 Page - Texas Instruments

Part # REF54450CDR
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF54450CDR Datasheet(HTML) 4 Page - Texas Instruments

  REF54450CDR Datasheet HTML 1Page - Texas Instruments REF54450CDR Datasheet HTML 2Page - Texas Instruments REF54450CDR Datasheet HTML 3Page - Texas Instruments REF54450CDR Datasheet HTML 4Page - Texas Instruments REF54450CDR Datasheet HTML 5Page - Texas Instruments REF54450CDR Datasheet HTML 6Page - Texas Instruments REF54450CDR Datasheet HTML 7Page - Texas Instruments REF54450CDR Datasheet HTML 8Page - Texas Instruments REF54450CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
5 Pin Configuration and Functions
Not to scale
VREF
DNC
VIN
NIC
GND
EN
1
2
3
6
5
4
NR
DNC
7
8
Figure 5-1. D Package
8-Pin SOIC
Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
D
EN
1
Input
Device enable control. Low level input disables the reference output
and device enters shutdown mode. Device can be enabled by driving
voltage > 1.6V or leaving the EN pin floating.
VIN
2
Power
Input supply voltage connection. Connect a minimum 0.1-μF
decoupling capacitor to ground for the best performance.
NIC
3
No Connect
Not internally connected. Pin can be left floating or to a known
potential.
GND
4
Ground
Ground connection.
NR
5
Output
Noise reduction pin. Connect a decoupling capacitor to ground for
improved noise performance. The pin can be left floating.
VREF
6
Output
Reference voltage output. Connect a capacitor between 1 μF to 100
μF to ground for best performance.
DNC
7, 8
Do not Connect
Leave the pin floating or connect it to ground
REF54
SNVSCN7 – NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com