Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54500QDR Datasheet(PDF) 23 Page - Texas Instruments

Part # REF54500QDR
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF54500QDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF54500QDR Datasheet HTML 19Page - Texas Instruments REF54500QDR Datasheet HTML 20Page - Texas Instruments REF54500QDR Datasheet HTML 21Page - Texas Instruments REF54500QDR Datasheet HTML 22Page - Texas Instruments REF54500QDR Datasheet HTML 23Page - Texas Instruments REF54500QDR Datasheet HTML 24Page - Texas Instruments REF54500QDR Datasheet HTML 25Page - Texas Instruments REF54500QDR Datasheet HTML 26Page - Texas Instruments REF54500QDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
9.2.1.3 Low Noise Design Recommendations
Any leakage on NR pin capacitor adds up in temperature accuracy. Capacitors with low leakage such as ceramic
cap (COG) or film capacitors are recommended with design. A guard ring can also be added to control the
leakage.
9.2.2 Power Supply Recommendation
The REF54 family of references features a low-dropout voltage. These references can be operated with a supply
of only 250 mV above the output voltage for 5 mA output current conditions. TI recommends a supply bypass
capacitor ranging between 0.1 µF to 10 µF. REF54 family have excellent PSRR (100 dB at 1Khz) which relaxes
the requirement of clean power supply for the designer.
During start-up the REF54 can experience moments of high input current due to the output capacitors. The input
current can momentarily rise to short circuit current ISC. The source needs to have current clamp > ISC to provide
proper startup, otherwise startup is delayed.
9.2.3 Reference Attach With High Precision ADC
High precision ADCs require external precision voltage references to achieve the best SNR and gain drift with
temperature and time. REF54 has flat dynamic impedance at lower frequency. However it's dynamic impedance
increases for higher sampling rate. A low noise - low offset buffer with good bandwidth helps to improve THD
and droop performance to achieve > 18 bit ENOB at higher sampling rate. Figure 9-3 shows evaluation circuit
for ADS1285. Figure 9-4 shows the measurement of peak to peak variation with 0 input (which improves from
ADS1285 result) and Figure 9-5 shows the measurement for VIN = 2.08 V (close to FSR) and we can see that
the peak to peak variation is scaling by < 1.5 times for entire input range with REF54500 reference.
ADS1285
AIN1P
AIN1N
REFN0
REFP0
AVDD
AVSS
AVDD
AIN
AVDD
OPA196
VCOM
VIN
EN
GND
NR
VREF
REF54-Q1
AVDD
AVSS
AVSS
AVSS
AVSS
AVSS
AVSS
Figure 9-3. REF54 -Q1 Attach With ADS1285
www.ti.com
REF54
SNVSCN7 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com