Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54500QDR Datasheet(PDF) 12 Page - Texas Instruments

Part # REF54500QDR
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF54500QDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF54500QDR Datasheet HTML 8Page - Texas Instruments REF54500QDR Datasheet HTML 9Page - Texas Instruments REF54500QDR Datasheet HTML 10Page - Texas Instruments REF54500QDR Datasheet HTML 11Page - Texas Instruments REF54500QDR Datasheet HTML 12Page - Texas Instruments REF54500QDR Datasheet HTML 13Page - Texas Instruments REF54500QDR Datasheet HTML 14Page - Texas Instruments REF54500QDR Datasheet HTML 15Page - Texas Instruments REF54500QDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
6.10 Typical Characteristics
at TA = 25°C, VIN = VEN = VREF + 0.5 V, IL = 0 mA, CL = 10 μF, CIN = 0.1 μF, VREF = 2.5 V (unless otherwise noted)
Temperature (
C)
0
10
20
30
40
50
60
70
-100
-60
-20
20
60
100
Figure 6-1. Output Voltage Vs Free-Air Temperature for C grade
Temperature Drift 0
C to 70C (ppm/C)
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
Figure 6-2. Temperature Drift Distribution
Output Initial Accuracy (%)
0
10%
20%
30%
40%
50%
Figure 6-3. Accuracy Distribution
1 ms/div
18 V
3 V
VOUT
VIN
Figure 6-4. Line Regulation Response
Frequency (Hz)
10 20 50 100
1000
10000
100000
1000000
0
0.3
0.6
0.9
1.2
1.5
1.8
100uF
10uF
1uF
Figure 6-5. Output Impedance
Flicker Noise (ppmp-p)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Figure 6-6. 0.1-Hz to 10-Hz Voltage Noise Distribution
REF54
SNVSCN7 – NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com