Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 25Page - Texas Instruments TMS320VC5441 Datasheet HTML 26Page - Texas Instruments TMS320VC5441 Datasheet HTML 27Page - Texas Instruments TMS320VC5441 Datasheet HTML 28Page - Texas Instruments TMS320VC5441 Datasheet HTML 29Page - Texas Instruments TMS320VC5441 Datasheet HTML 30Page - Texas Instruments TMS320VC5441 Datasheet HTML 31Page - Texas Instruments TMS320VC5441 Datasheet HTML 32Page - Texas Instruments TMS320VC5441 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
Functional Overview
29
December 1999 − Revised October 2008
SPRS122F
3.1.4 Extended Data Memory
The data memory space of each 5441 subsystem addresses 128K 16-bit words. There are two pages of data
memory location with each page consisting of 64K words. The 5441 device uses a data memory map register
(DMMR) to facilitate extended data memory access. The DMMR is a peripheral memory-mapped register. The
contents of the DMMR register, once being written with an extended data number by the DSP CPU, will be
associated with the address decoding for all the data memory CPU accesses.
3.1.5 Extended Program Memory
The 5441 device uses a paged extended memory scheme in program space to allow access to 256K 16-bit
words. This extended program memory (each subsystem) is organized into four pages (0−3), pages 0−3 are
two-way shared memory. Each page is 64K words in length. The program counter extension register (XPC)
defines the program page selection. To implement the extended program memory scheme, the 5441 device
includes the following feature:
•
Two C54x
 instructions allow each subsystem CPU access to the on-chip program memory.
−
READA − Read program memory addressed by accumulator A and store in data memory
−
WRITA − Write data to program memory addressed by accumulator A
(Writes not allowed for CPUs to shared program memory)
3.1.6 Program Memory
The program memory is accessible on multiple pages, depending on the XPC value. Within these pages,
memory is accessible depending on the address range.
•
Access in the lower 32K words of each page is dependent on the state of OVLY.
−
OVLY = 0 − Program memory is accessed from program memory page 3 for all values of XPC.
−
OVLY = 1 − Program memory is accessed from local data/program DARAM for all values of XPC.
•
Access in the upper 32K words of each page is dependent on the state of OVLY.
−
OVLY = 0 − All pages of program memory except page 3 (which is reserved) are accessible for all
values of XPC.
−
OVLY = 1 − All pages of program memory are accessible for all values of XPC.
3.1.7 Data Memory
Accesses on extended data spaces are dependent on the value of the data memory map register (DMMR).
Within the page, memory is accessible depending on the address range.
•
Access in the lower 32K words
−
Data memory is accessed from local data/program DARAM for all values of DMMR.
•
Access in the upper 32K words
−
Which data memory block is accessed depends on the value of DMMR.
−
There are four 16K-word DARAM blocks for the upper addresses (8000h − FFFFh)
DMMR=0:
DARAM2 and DARAM3 are mapped to the upper addresses
DMMR=1:
DARAM4 and DARAM5 are mapped to the upper addresses
3.1.8 I/O Memory
The 5441 does not support I/O memory accesses.
C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com