Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103S Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 9Page - SMSC Corporation EMC6D103S Datasheet HTML 10Page - SMSC Corporation EMC6D103S Datasheet HTML 11Page - SMSC Corporation EMC6D103S Datasheet HTML 12Page - SMSC Corporation EMC6D103S Datasheet HTML 13Page - SMSC Corporation EMC6D103S Datasheet HTML 14Page - SMSC Corporation EMC6D103S Datasheet HTML 15Page - SMSC Corporation EMC6D103S Datasheet HTML 16Page - SMSC Corporation EMC6D103S Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103S
13
Revision 0.2 (06-14-06)
DATASHEET
Chapter 4 Operational Description
4.1
Maximum Guaranteed Ratings
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55o to +150oC
Lead Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
Maximum VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V
Positive Voltage on any pin (except for analog inputs), with respect to Ground . . . . . . . . . . . . . . 5.5V
Negative Voltage on any pin (except for analog inputs), with respect to Ground. . . . . . . . . . . . . . -0.3V
Positive Voltage on voltage analog inputs:
Vccp_in . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V
2.5V_in . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V
+5V_in. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V
12V_in. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17V
Note: Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied. When powering this device from
laboratory or system power supplies, it is important that the Absolute Maximum Ratings not be
exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
4.2
Ratings for Operation
TA = 0oC - 70oC, VCC=+3.3V
±10%
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Temperature-to-Digital
Converter Characteristics
Internal Temperature
Accuracy
External Diode Sensor
Accuracy
-3
-2
-5
-3
±0.25
±0.25
+3
+2
+5
+3
oC
oC
oC
oC
0oC <= TA <= 70oC
40oC <= TA <= 70oC
-40oC <= TS <= 125oC
40oC <= TS <= 100oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com