Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103S Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 17Page - SMSC Corporation EMC6D103S Datasheet HTML 18Page - SMSC Corporation EMC6D103S Datasheet HTML 19Page - SMSC Corporation EMC6D103S Datasheet HTML 20Page - SMSC Corporation EMC6D103S Datasheet HTML 21Page - SMSC Corporation EMC6D103S Datasheet HTML 22Page - SMSC Corporation EMC6D103S Datasheet HTML 23Page - SMSC Corporation EMC6D103S Datasheet HTML 24Page - SMSC Corporation EMC6D103S Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103S
21
Revision 0.2 (06-14-06)
DATASHEET
Chapter 6 Hardware Monitoring
The following sub-sections describe the EMC6D103S Hardware Monitoring features.
6.1
Input Monitoring
The EMC6D103S device’s monitoring function is started by writing a ‘1’ to the START bit in the
Ready/Lock/Start Register (0x40). Measured values from the analog inputs and temperature sensors
are stored in Reading Registers. The values in the reading registers can be accessed via the SMBus
interface. These values are compared to the programmed limits in the Limit Register. The out-of-limit
and diode fault conditions are stored in the Interrupt Status Registers.
6.2
Resetting the EMC6D103S
6.2.1
Power-On Reset
All the registers in the Hardware Monitor Block, except the reading registers, reset to a default value
when power is applied to the block. The default state of the register is shown in the table in the
Register Summary subsection. The default state of Reading Registers are not shown because these
registers have indeterminate power on values.
Note: Usually the first action after power up is to write limits into the Limit Registers.
6.2.2
Soft Reset (Initialization)
Setting bit 7 of the CONF register performs a soft reset. This bit is self-clearing. Soft Reset performs
reset on all the registers except the Reading Registers.
6.3
Monitoring Modes
The Hardware Monitor Block supports two Monitoring modes: Continuous Mode and Cycle Mode.
These modes are selected using bit 1 of the Special Function Register (7Ch). The following
subsections contain a description of these monitoring modes.
The hardware monitor conversion clock is 45KHz ± 10%. Temperature conversions take 96 clocks,
each (2.133ms nom.); voltage conversions take 68 clocks, each (1.511ms nom). The time to complete
a conversion cycle depends upon the number of inputs in the conversion sequence to be measured
(see Table 6.3, “ADC Conversion Sequence,” on page 23) and the amount of averaging per input,
which is selected using the AVG[2:0] bits in the Special Function register (see Register 7Ch: Special
Function Register on page 70).
For each mode, there are four options for the number of measurements that are averaged for each
temperature and voltage reading. These options are selected using bits[7:5] of the Special Function
register (7Ch). These bits are defined as follows:
Bits [7:5] AVG[2:0]
The AVG[2:0] bits determine the amount of averaging for each of the measurements that are performed
by the hardware monitor before the reading registers are updated (Table 6.1). The AVG[2:0] bits are
priority encoded where the most significant bit has highest priority. For example, when the AVG2 bit is
asserted, 32 averages will be performed for each measurement before the reading registers are
updated regardless of the state of the AVG[1:0] bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com