Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N06L-AE3-R Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # UT3N06L-AE3-R
Description  N-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT3N06L-AE3-R Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  UT3N06L-AE3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1
2
3 0
4
5
0
255075
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Case
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
UT3N06L-AE3-R
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com