Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N06L-AE3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # UT3N06L-AE3-R
Description  N-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT3N06L-AE3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  UT3N06L-AE3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT3N06L-AE3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
N-Channel 60-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Available
•
TrenchFET® Power MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
APPLICATIONS
•
Battery Switch
•
DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
60
0.0
75 at V
GS = 10 V
4.0
2.
1 nC
0.0
86 at V
GS = 4.5 V
3.8
G
S
D
Top View
2
3
TO-236
(SOT23)
1
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 1
20 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.0
A
TC = 70 °C
3.4
TA = 25 °C
3.
1b, c
TA = 70 °C
2.5b, c
Pulsed Drain Current
IDM
12
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.39
TA = 25 °C
0.91b, c
Avalanche Current
L = 0.1 mH
IAS
6
Single-Pulse Avalanche Energy
EAS
1.8
mJ
Maximum Power Dissipation
TC = 25 °C
PD
1.66
W
TC = 70 °C
1.06
TA = 25 °C
1.09b, c
TA = 70 °C
0.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
≤ 5 s
RthJA
90
115
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75
S
N-Channel MOSFET
G
D
UT3N06L-AE3-R
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - UT3N06L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3N06L-AE3-R UTC-UT3N06L-AE3-R Datasheet
163Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT3N06L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com