Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3063L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC3063L-S08-R
Description  1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC3063L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC3063L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC3063L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC3063L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC3063L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC3063
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R115-024.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Pin 6
VCC
0 ~ +40
V
FB Pin 5
VCII
-0.2 ~ +VCC
V
Darlington SC Pin 1
VSWC
0 ~ +40
V
Darlington SE Pin 2 (Transistor OFF)
VSWE
-0.6 ~ +VCC
V
Darlington SC to SE Pin 1~2
VSWCE
0 ~ +40
V
Darlington Switch Current
ISW
1.5
A
CS Pin 7
VIPK
-0.2 ~ VCC+0.2
V
CT Pin 3
VTCAP
-0.2 ~ +1.4
V
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
POWER DISSIPATION AND THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Junction Temperature Range
TJ
0 ~ +70
°C
Maximum Junction Temperature
TJ_MAX
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
180
°C/W
Junction to Case
θJC
45
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OSCILLATOR
Frequency
fOSC
VPin 5=0V, CT=2.2nF, TJ=25°C
110
150
190
kHz
Capacitor Discharging Current
IDISCHG
Pin 7 to VIN, TJ=25°C
1600
μA
Capacitor Charging Current
ICHG
Pin 7 to VIN, TJ=25°C
270
μA
Current Limit Sense Voltage
VIPK (Sense) TJ=25°C
165
200
235
mV
OUTPUT SWITCH
Darlington Switch Collector to
Emitter Voltage Drop
VSWCE (DROP) ISW=1.0A, Pin 2 to GND, TJ=25°C
1.0
1.3
V
Collector Off−State Current
IC (OFF)
VCE=40V
0.01
100
μA
COMPARATOR
Feedback Voltage
VFB
TJ=25°C
1.250
V
-1.5
+1.5
%
Threshold Voltage Line
Regulation
REGLINE
VIN=5.0V~40V
-6.0
2.0
6.0
mV
TOTAL DEVICE
Supply Current
IIN
VIN=5.0V~40V, CT=2.2nF, Pin 7=VIN,
VPin 5>Vth, Pin 2=GND,
remaining pins open
7.0
mA
Thermal Shutdown Threshold
160
°C
Hysteresis
10
°C
Note: TLOW=0°C, Thigh=+70°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com