Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3063L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC3063L-S08-R
Description  1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC3063L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC3063L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC3063L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC3063L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC3063L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC3063
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R115-024.c
1.5A,
STEP-UP/DOWN/INVERTING
SWITCHING REGULATORS
DESCRIPTION
The UTC MC3063 Series is a higher frequency DC−DC
converters. These devices consist of an internal temperature
compensated reference, comparator, a controlled duty cycle
oscillator with an active current limit circuit, a driver and a high
current output switch. This series was specifically designed to be
incorporated in Step−Down, Step−Up and Voltage−Inverting
applications with a minimum number of external components.
FEATURES
* MAX. 40V Input
* Output Switch Current to 1.5A
* Output Voltage Adjustable
* Frequency Operation of 150kHz
* Precision 1.5% Reference
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
MC3063L-S08-R
MC3063G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - MC3063L-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC306 ETC-MC306 Datasheet
28Kb / 1P
SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Yuechung International ...
MC306 YIC-MC306 Datasheet
240Kb / 1P
MC306 : Tuning Fork SMD Quartz Crystal
More results

Similar Description - MC3063L-S08-R

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com