Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1482AG-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1482AG-SH2-R
Description  2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1482AG-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P1482AG-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P1482A
LINEARINTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R115-001.E
TYPICAL APPLICATION CIRCUIT
UTC
P1482A
NC
VIN
SW
GND
SS
EN
COMP
FB
CIN
22µF
+
-
V1
12
L1 10µH
3.3V/2A
RBF2
26.1k
RBF1
10k
COUT
22µF
CO1
option
CO2
3.3n
RC
2.2K
CSS
0.1µF
CSW
option
100k
R
2
0.923(1
)
R
1
BF
V
O
BF




Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com