Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1482AG-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1482AG-SH2-R
Description  2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1482AG-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1482AG-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1482AG-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1482A
LINEARINTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R115-001.E
2A, 18V, 365KHZ
SYNCHRONOUS RECTIFIED
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P1482A is a synchronous buck regulator. The
device provides 2A of continuous load current over a wide input
voltage of 6V~18V. Current mode control provides fast transient
response and cycle-bycycle current limit. An adjustable soft-start
prevents inrush current at turn-on.
The UTC P1482A can provide low-ripple power, high
efficiency, and perfect transient characteristics. The duty ratio
varies linearly from 0% to 92% in the PWM control. The error
amplifier circuit and soft-start circuit included in this device can
prevent overshoot at startup. An enable function, an over current
protect (OCP) function and short circuit protect (SCP) are also
build inside, and when OCP happens, the operation frequency
will be reduced.
FEATURES
* 2A Output Current
* Wide 6V~18V Operating Input Range
* Integrated Power MOSFET Switches
* Programmable Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 365KHz Frequency
* Cycle-by-Cycle Over Current Protection
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P1482AL-SH2-R
P1482AG-SH2-R
HSOP-8
Tape Reel
P1482AG-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
MARKING
UTC
P1482A
2
3
4
1
5
6
7
8
Date Code
Lot Code
L: Lead Free
G: Halogen Free


Similar Part No. - P1482AG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
Programmable Soft-Start
More results

Similar Description - P1482AG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com