Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05123G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD05123G-AF5-R
Description  2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05123G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD05123G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05123G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05123G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05123G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UD05123
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R115-021.E
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Pin Voltage
VIN
6
V
Feedback Pin Voltage
VFB
VCC
V
EN Pin Voltage
VEN
VCC
V
Switch Pin Voltage
VSW
VCC
V
Junction Temperature
TJ
+125
°C
Operation Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
280
°C/W
ELECTRICAL CHARACTERISTICS (VIN=VEN=3.6V, TA=25°C, unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range (Note 2)
VIN
2.5
5.5
V
Feedback Voltage
VFB
VFB=0.6V
0.5880 0.6000 0.6120
V
Feedback Bias Current
IFB
VFB=0.65V
-30
+30
nA
Quiescent Current
ICC
VFB=1V
50
90
μA
Shutdown Supply Current
ISD
VEN=0V
0.1
1
μA
Switching Current Limit
ILIMIT
VIN=5V
1.8
A
Oscillation Frequency
FOSC
SW pin
2.25
MHz
RDS(ON) of P-CH MOSFET
RDSON
IOUT=1.0A
0.26
0.33
Ω
RDS(ON) of N-CH MOSFET
RDSON
IOUT=1.0A
0.26
0.33
Ω
EN Pin Logic Input Threshold Voltage
VENL
0.6
V
VENH
1.3
V
EN Pin Input Current
IEN
±0.1
±1
µA
Note: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com