Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05123G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05123G-AF5-R
Description  2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05123G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05123G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05123G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05123G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05123G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05123
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R115-021.E
2.25MHz, 1.2A, VFB=0.6V
SYNCHRONOUS STEP-DOWN
CONVERTER
DESCRIPTION
UTC UD05123 is a 2.25MHz constant frequency current mode
PWM step-down converter. It is ideal for portable equipment
requiring very high current up to 1.8A from single-cell Lithium-ion
batteries while still achieving over 90% efficiency during peak load
conditions. The 2.5V to 5.5V input voltage range makes UTC
UD05123
ideally suited for single Li-Ion, two to four AA
battery-powered applications. 100% duty cycle provides low
dropout operation, extending battery life in portable systems. Pulse
skipping mode operation provides very low output ripple voltage for
noise sensitive applications. Switching frequency is internally set at
2.25MHz, allowing the use of small surface mount inductors and
capacitors. The internal synchronous switch increases efficiency
and decreases need of an external Schottky diode. Low output
voltages are easily supported with the 0.6V feedback reference
voltage.
FEATURES
* Input Voltage Range :2.5V~5.5V
* Output Voltage: from 0.6V to VIN
* High Efficiency: Up to 92%
* Constant Frequency Operation: 2.25MHz
* Output Current:1.2A
* Quiescent Current: 50uA (input < 4.2V)
* No Schottky Diode Required
* 100% Duty Cycle in Dropout
* 0.6V Reference Allows Low Output Voltages
* Current Mode Operation for Excellent Line and Load
Transient Response
* Current limit, Enable function
* Short Circuit Protect (SCP)
* ≤1µA Shutdown Current
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD05123L-AF5-R
UD05123G-AF5-R
SOT-25
Tape Reel


Similar Part No. - UD05123G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
UD05124G-AF5-R UTC-UD05124G-AF5-R Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
UD05124L-AF5-R UTC-UD05124L-AF5-R Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results

Similar Description - UD05123G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Lowpower Semiconductor ...
LP6498 POWER-LP6498 Datasheet
816Kb / 9P
600KHz 36V/1.2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com