Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05124L-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD05124L-AF5-R
Description  HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05124L-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD05124L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 7Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 8Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UD05124
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R115-038.c
APPLICATION INFORMATION
Output Voltage Setting
The output voltage VOUT is set by using a resistive divider from the output to FB. The FB pin regulated voltage is
0.6V. Thus the output voltage is:
1
0.6
1
2
OUT
R
VV
R

 


Table 1 lists recommended values of R1 and R2 for most used output voltage.
Table 1. Recommended Resistance Values
VOUT
R1
R2
3.3V
453kΩ
100kΩ
2.5V
316kΩ
100kΩ
1.8V
200kΩ
100kΩ
1.5V
150kΩ
100kΩ
1.2V
100kΩ
100kΩ
Place resistors R1 and R2 close to FB pin to prevent stray pickup.
Input Capacitor Selection
The use of the input capacitor is filtering the input voltage ripple and the MOSFETS switching spike voltage.
Because the input current to the step-down converter is discontinuous, the input capacitor is required to supply the
current to the converter to keep the DC input voltage. The capacitor voltage rating should be 1.25 to 1.5 times
greater than the maximum input voltage. The input capacitor ripple current RMS value is calculated as:
()
(1
)
CIN RMS
OUT
OUT
IN
II
D
D
V
D
V

 
Where D is the duty cycle of the power MOSFET.
This function reaches the maximum value at D=0.5 and the equivalent RMS current is equal to IOUT/2.
A low ESR capacitor is required to keep the noise minimum. Ceramic capacitors are better, but tantalum or low
ESR electrolytic capacitors may also suffice.
Output Capacitor Selection
The output capacitor is used to keep the DC output voltage and supply the load transient current. When
operating in constant current mode, the output ripple is determined by four components:
( )
(ESR)
(ESL)
NOISE
( )
(t)
(t)
(t) V
(t)
RIPPLE
RIPPLE C
RIPPLE
RIPPLE
Vt
V
V
V

The following figures show the form of the ripple contributions.
(ESR)
1
××
×
OUT
OUT
RIPPLE
IN
OSC
V
V
VESR
V
FL



(ESL)
IN
×V
RIPPLE
ESL
V
L
()
2
1
8
OUT
OUT
RIPPLE C
IN
OSC
COUT
V
V
V
V
FL

 
 




Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com