Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05124L-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UD05124L-AF5-R
Description  HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05124L-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UD05124L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 7Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 8Page - Unisonic Technologies UD05124L-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UD05124
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R115-038.c
APPLICATION INFORMATION (Cont.)
Where FOSC is the switching frequency, L is the inductance value, VIN is the input voltage, ESR is the equivalent
series resistance value of the output capacitor, ESL is the equivalent series inductance value of the output capacitor
and the COUT is the output capacitor.
Low ESR capacitors are preferred to use. Ceramic, tantalum or low ESR electrolytic capacitors can be used
depending on the output ripple requirements. When using the ceramic capacitors, the ESL component is usually
negligible.
It is important to use the proper method to eliminate high frequency noise when measuring the output ripple.
Inductor Selection
The output inductor is used for storing energy and filtering output ripple current. But the trade-off condition often
happens between maximum energy storage and the physical size of the inductor. The first consideration for selecting
the output inductor is to make sure that the inductance is large enough to keep the converter in the continuous
current mode. That will lower ripple current and result in lower output ripple voltage. The ∆IL is inductor peak-to-peak
ripple current:
1
×
×
OUT
OUT
L
IN
OSC
V
V
I
V
FL




A good compromise value between size and efficiency is to set the peak-to-peak inductor ripple current ∆IL equal to
30% of the maximum load current. But setting the peak-to-peak inductor ripple current ∆IL between 20%~50% of the
maximum load current is also acceptable. Then the inductance can be calculated with the following equation:
∆IL=0.3×IOUT(MAX)
×
××
OUT
IN
OUT
IN
OSC
L
V
VV
L
VF
I
To guarantee sufficient output current, peak inductor current must be lower than the UD05124 high-side MOSFET
current limit.
()
2
L
PEAK
OUT MAX
I
II

Feedforward Capacitor Selection
Internal compensation function allows users saving time in design and saving cost by reducing the number of
external components. The use of a feedforward capacitor C3 in the feedback network is recommended to improve
transient response or higher phase margin.
UTC
UD05124
VOUT
FB
R1
R2
C3
For optimizing the feedforward capacitor, knowing the cross frequency is the first thing. The cross frequency (or
the converter bandwidth) can be determined by using a network analyzer. When getting the cross frequency with no
feedforward capacitor identified, the value of feedforward capacitor C3 can be calculated with the following equation:
11
11
3
21
12
CROSS
C
FR
RR




Where FCROSS is the cross frequency.
To reduce transient ripple, the feedforward capacitor value can be increased to push the cross frequency to higher
region. Although this can improve transient response, it also decreases phase margin and causes more ringing. In
the other hand, if more phase margin is desired, the feedforward capacitor value can be decreased to push the cross
frequency to lower region. In general, the feedforward capacitor range is between 10pF to 330pF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com