Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05124G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD05124G-AF5-R
Description  HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05124G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD05124G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 7Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 8Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UD05124
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R115-038.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VIN to GND
-0.3V ~ +6.5V
V
LX to GND
-0.3V to (VIN +0.3V)
V
Dynamic LX Voltage in 20ns Duration
-4.5V ~ +7.5V
V
EN, FB to GND
-0.3V to VIN
V
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (VIN)
VIN
+2.5 ~ +6
V
Operation Temperature Range
TOPR
-40 ~ +85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
Junction to Case
θJC
130
°C/W
ELECTRICAL CHARACTERISTICS (VIN=5V, VOUT=2.5V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Voltage
VIN
2.5
6.0
V
Input Over Voltage Protection
VIN OVP
6.3
V
Shutdown Current
ISHDN
EN=0V
0.1
1
μA
Quiescent Current
Iq
VFB=0.65V, IOUT=0A
30
50
μA
Reference Voltage
VREF
0.588
0.6
0.612
V
FB Input Leakage Current
IFB
VFB=VIN
0.01
1
µA
On-Resistance (Note)
RDS(ON)
P-Channel MOSFET
340
mΩ
N-Channel MOSFET
210
mΩ
P-Channel Current Limit (Note)
ILIM
1.5
A
EN High-Level Input Voltage
VEN(H)
1.5
V
EN Low-Level Input Voltage
VEN(L)
0.4
V
EN Input Current
IEN
2.5
µA
Under Voltage Lockout Voltage
UVLO
2.4
V
UVLO Hysteresis
VHYS
0.3
V
Oscillation Frequency
FOSC
IOUT=200mA
1.2
1.5
1.8
MHz
Minimum On Time
50
ns
Maximum Duty Cycle
100
%
Internal Soft Start Time
TSS
1
ms
LX Discharge Resistance
100
Ω
Thermal Shutdown Temperature (Note)
TSD
150
°C
Note: Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com