Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05124G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05124G-AF5-R
Description  HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05124G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05124G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 7Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 8Page - Unisonic Technologies UD05124G-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05124
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R115-038.c
HIGH EFFICIENCY 1.5MHZ
1.2A SYNCHRONOUS STEP
DOWN CONVERTER
DESCRIPTION
The UTC UD05124 is a high efficiency, high frequency
synchronous DC-DC step-down converter. The 100% duty cycle
feature provides low dropout operation, extending battery life in
portable systems.
The internal synchronous switch increases efficiency and
eliminates the need for external schottky diode. At shutdown mode,
the input supply current is less than 1µA.
The UTC UD05124 fault protection includes over current
protection, short circuit protection, UVLO and thermal shutdown. The
Internal soft-start function prevents inrush current at turn-on.
FEATURES
* 2.5V ~ 6V Input Voltage Range
* 0.6V Reference Voltage
* 1.2A Output Current
* Low RDS(ON) for Internal Switch: 340 / 210mΩ (Top/Bottom)
* 1.5MHz Switching Frequency
* Internal 1ms Soft-Start Time
* Internal Compensation Function
* 100% Dropout Operation
* Input Over Voltage Protection
* Over Current Protection
* Short Circuit Protection
* Over Temperature Protection with Auto Recovery
SOT-25
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD05124L-AF5-R
UD05124G-AF5-R
SOT-25
Tape Reel


Similar Part No. - UD05124G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05123G-AF5-R UTC-UD05123G-AF5-R Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05123L-AF5-R UTC-UD05123L-AF5-R Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - UD05124G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6366 FITIPOWER-FP6366 Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com