Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05208L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD05208L-AF5-R
Description  1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05208L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD05208L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UD05208
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R115-028.c
DETAILED DESCRIPTION
UD05208 operates with an adaptive on-time control scheme, which is able to dynamically adjust the on-time
duration based on the input voltage and output voltage so that it can achieve relative constant frequency operation.
The device operates at typically 1.5MHz frequency pulse width modulation (PWM) at moderate to heavy load
currents.
Power Save Mode
The device integrates a Power Save Mode with PFM to improve efficiency at light load. When VOUT ≦ 2.5V,
system can enter into Power Save Mode at light load. In Power Save Mode, the device only switches when the
output voltage trips below a set threshold voltage. It ramps up the output voltage with several pulses and stops
switching when the output voltage is higher than the set threshold voltage. PFM is exited and PWM mode entered in
case the output current can no longer be supported in Power Save Mode.
Soft Start
After enabling the device, internal soft-start circuitry monotonically ramps up the output voltage which reaches
nominal output voltage during a soft-start time of 30
0 μs (typical). This avoids excessive inrush current and creates a
smooth output voltage rise slope.
Short Circuit Protection
To avoid mis-operation of the device, short circuit protection is implemented that latch output to GND when output
short.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com