Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05208L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05208L-AF5-R
Description  1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05208L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05208L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05208L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05208
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R115-028.c
1.5MHz, 2A, VFB=0.6V
SYNCHRONOUS STEP-DOWN
CONVERTER
DESCRIPTION
UTC UD05208 devices are synchronous step-down converters
optimized for small solution size and high efficiency. The devices
integrate switches capable of delivering an output current up to 2A.
The devices are based on an adaptive on time with valley current
mode control scheme. Typical operating frequency is 1.5MHz at
medium to heavy loads. The devices are optimized to achieve very
low output voltage ripple even with small external components and
feature an excellent load transient response. During a light load,
the UD05208 automatically enter into Power Save Mode at the
lowest quiescent current (50
μA typ) to maintain high efficiency over
the entire load current range. In shutdown, the current consumption
is reduced to 1
μA. The UD05208 provide an adjustable output
voltage via an external resistor divider. The output voltage start-up
ramp is controlled by an internal soft start, typically 30
0 μs. Power
sequencing is possible by configuring the Enable pin. Other
features like over current protection and over temperature
protection are built in.
FEATURES
SOT-25
1
3
5
2
4
* 2.7V to 5.5V Input Voltage Range
* 1.5MHz Typical Switching Frequency
* Output Current up to 2A
* Adaptive On-Time Current Control
* Power Save Mode for Light Load Efficiency
* 50
μA Operating Quiescent Current
* Over Current Protection
* Internal Soft Startup of 300
μs (Typ.)
* Adjustable Output Voltage
* Thermal Shutdown Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD05208L-AF5-R
UD05208G-AF5-R
SOT-25
Tape Reel
(1) R: Tape Reel
(2) AF5: SOT-25
(3) G: Halogen Free and Lead Free, L: Lead Free
UD05208G-AF5-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - UD05208L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AF5-R UTC-UD052012G-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AG6-R UTC-UD052012G-AG6-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012L-AF5-R UTC-UD052012L-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results

Similar Description - UD05208L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
E-CMOS Corporation
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com