Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05201G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD05201G-SH2-R
Description  1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05201G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD05201G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UD05201
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R115-003.c
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
PVIN, SVIN Pin Voltage
VIN
VSS -0.3 to VSS+ 6
V
Feedback Pin Voltage
VFB
VSS -0.3 to VIN+ 0.3
V
EN Pin Voltage
VEN
VSS -0.3 to VIN+ 0.3
V
Switch Pin Voltage
VLX
VSS -0.3 to VIN+ 0.3
V
Power Dissipation
PD
700
mW
Junction Temperature
TJ
+125
°C
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
143
°C/W
Junction to Case
θJC
45
°C/W
Note:
θJA is measured with the PCB copper area of approximately 1 in
2(Multi-layer). That need connect to LX pin or
Exposed pad of the UTC UD05201.
ELECTRICAL CHARACTERISTICS (V
IN=VEN=3.6V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VIN
2.6
5.5
V
Feedback Voltage
VFB
TA=+25°C
0.5880 0.6000 0.6120
V
TA=0°C ≤TA≤85°C
0.5865 0.6000 0.6135
V
TA=-40°C ≤TA ≤85°C
0.5820 0.6000 0.6180
V
Feedback Bias Current
IFB
VFB=0.65V
±30
nA
Quiescent Current
ICCQ
VFB=0.8V
250
400
uA
Shutdown Supply Current
ISD
VEN=0V
0.1
1
uA
Switching Current Limit
ILIMIT
2.2
2.5
A
Line Regulation
△ VOUT / VOUT VIN=2.6V~5.5V
0.04
0.4
%/V
Load Regulation
△ VOUT / VOUT IOUT= 0.01~2A
0.5
1
%
Oscillation Frequency
FOSC
LX pin
1
1.2
1.4
MHz
RDS(ON) of P-CH MOSFET
RDSON
VFB=0V,IOUT=1A
0.15
0.25
Ω
RDS(ON) of N-CH MOSFET
RDSON
Guaranteed by design
0.11
0.20
Ω
EN Pin Logic Input
Threshold Voltage
VENL
0.4
V
VENH
1.5
EN Pin Input Current
IEN
±0.1
±1
uA
Efficiency
EFFI
VIN=5V, VOUT=3.3V,IOUT=1.5A
91
%
Thermal Shutdown
TSD
140
°C
Thermal Shutdown Hysteresis
TSH
30
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com