Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05201G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD05201G-SH2-R
Description  1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05201G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD05201G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD05201G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UD05201
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 5
www.unisonic.com.tw
QW-R115-003.c
FUNCTION DESCRIPTIONS
Operation
UTC UD05201A/B/C is a monolithic switching mode Step-Down DC-DC converter. It utilizes internal MOSFETs to
achieve high efficiency and can generate very low output voltage by using internal reference at 0.6V. It operates at a
fixed switching frequency, and uses the slope compensated current mode architecture. This Step-Down DC-DC
Converter supplies 2000mA output current at input voltage range from 2.6V to 5.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
excellent load and line responses and protection of the internal main switch (P-CH MOSFET) and synchronous
rectifier (N-CH MOSFET). During normal operation, the internal P-CH MOSFET is turned on for a certain time to
ramp the inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor
current is above the error voltage. The current comparator, ICOMP limits the peak inductor current. When the main
switch is off, the synchronous rectifier will be turned on immediately and stay on until either the inductor current
starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the next clock cycle.
TYPICAL APPLICATION CIRCUIT
UTC
UD05201
U1
PVIN
SVIN
EN
PGND
SGND
FB
LX
VIN=2.6~5.5V
R1
10R
L1
3.3uH
VOUT=1.8V
C2
22uF
C5
15pF
R2
600K
R3
300K
C3
100nF
C1
22uF
VOUT=0.6 × (1+R2/R3)
R2=510K~820K
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein .
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com