Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1507GL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR1507GL
Description  1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1507GL Datasheet(HTML) 1 Page - Diodes Incorporated

  PR1507GL Datasheet HTML 1Page - Diodes Incorporated PR1507GL Datasheet HTML 2Page - Diodes Incorporated PR1507GL Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS27004 Rev. 5 - 2
1 of 3
PR1501G/S - PR1507G/S
www.diodes.com
ã Diodes Incorporated
PR1501G/S - PR1507G/S
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Features
“GS” Suffix Designates DO-41 Package
“G” Suffix Designates DO-15 Package
A
A
B
C
D
Dim
DO-41
DO-15
Min
Max
Min
Max
A
25.40
¾
25.40
¾
B
4.06
5.21
5.50
7.62
C
0.71
0.864
0.686
0.889
D
2.00
2.72
2.60
3.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Fast Switching for High Efficiency
·
Surge Overload Rating to 50A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-41, DO-15
·
Case Material: Molded Plastic
. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Ordering Information: See Last Page
·
DO-41 Weight: 0.35 grams (approximate)
·
DO-15 Weight: 0.40 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR1501
G/GS
PR1502
G/GS
PR1503
G/GS
PR1504
G/GS
PR1505
G/GS
PR1506
G/GS
PR1507
G/GS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TA = 55
°C
(Note 1)
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
50
A
Forward Voltage
@ IF = 1.5A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100
°C
IRM
5.0
200
mA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Total Capacitance (Note 2)
CT
25
pF
Typical Thermal Resistance Junction to Ambient
RqJA
65
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.2 5A. See figure 5.
4. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see
EU Directive Annex Notes 5 and 7.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PR1507GL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1507G DIODES-PR1507G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
Compact Technology Corp...
PR1507G CTC-PR1507G Datasheet
74Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR1507G ZSELEC-PR1507G Datasheet
134Kb / 2P
1.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Diodes Incorporated
PR1507GS DIODES-PR1507GS Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
More results

Similar Description - PR1507GL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
1.5A Sintered Glass Passivated Fast Recovery Rectifier
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com