Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1507GL Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PR1507GL
Description  1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1507GL Datasheet(HTML) 3 Page - Diodes Incorporated

  PR1507GL Datasheet HTML 1Page - Diodes Incorporated PR1507GL Datasheet HTML 2Page - Diodes Incorporated PR1507GL Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS27004 Rev. 5 - 2
3 of 3
PR1501G/S - PR1507G/S
www.diodes.com
Ordering Information
Device
Packaging
Shipping
PR1501G-B
DO-15
1K/Bulk
PR1501G-T
DO-15
4K/Tape & Reel, 13-inch
PR1502G-B
DO-15
1K/Bulk
PR1502G-T
DO-15
4K/Tape & Reel, 13-inch
PR1503G-B
DO-15
1K/Bulk
PR1503G-T
DO-15
4K/Tape & Reel, 13-inch
PR1504G-B
DO-15
1K/Bulk
PR1504G-T
DO-15
4K/Tape & Reel, 13-inch
PR1505G-B
DO-15
1K/Bulk
PR1505G-T
DO-15
4K/Tape & Reel, 13-inch
PR1506G-B
DO-15
1K/Bulk
PR1506G-T
DO-15
4K/Tape & Reel, 13-inch
PR1507G-B
DO-15
1K/Bulk
PR1507G-T
DO-15
4K/Tape & Reel, 13-inch
PR1501GS-A
DO-41
5K/Ammo Pack
PR1501GS-B
DO-41
1K/Bulk
PR1501GS-T
DO-41
5K/Tape & Reel, 13-inch
PR1502GS-A
DO-41
5K/Ammo Pack
PR1502GS-B
DO-41
1K/Bulk
PR1502GS-T
DO-41
5K/Tape & Reel, 13-inch
PR1503GS-A
DO-41
5K/Ammo Pack
PR1503GS-B
DO-41
1K/Bulk
PR1503GS-T
DO-41
5K/Tape & Reel, 13-inch
PR1504GS-A
DO-41
5K/Ammo Pack
PR1504GS-B
DO-41
1K/Bulk
PR1504GS-T
DO-41
5K/Tape & Reel, 13-inch
PR1505GS-A
DO-41
5K/Ammo Pack
PR1505GS-B
DO-41
1K/Bulk
PR1505GS-T
DO-41
5K/Tape & Reel, 13-inch
PR1506GS-A
DO-41
5K/Ammo Pack
PR1506GS-B
DO-41
1K/Bulk
PR1506GS-T
DO-41
5K/Tape & Reel, 13-inch
PR1507GS-A
DO-41
5K/Ammo Pack
PR1507GS-B
DO-41
1K/Bulk
PR1507GS-T
DO-41
5K/Tape & Reel, 13-inch
(Note 6)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com