Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 18 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 14Page - SMSC Corporation LAN91C100FD Datasheet HTML 15Page - SMSC Corporation LAN91C100FD Datasheet HTML 16Page - SMSC Corporation LAN91C100FD Datasheet HTML 17Page - SMSC Corporation LAN91C100FD Datasheet HTML 18Page - SMSC Corporation LAN91C100FD Datasheet HTML 19Page - SMSC Corporation LAN91C100FD Datasheet HTML 20Page - SMSC Corporation LAN91C100FD Datasheet HTML 21Page - SMSC Corporation LAN91C100FD Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
SMSC DS – LAN91C100FD REV. B
Page 18
Rev. 01-20-06
HASH VALUE - Provides the hash value used to index the Multicast Registers. Can be used by receive routines to speed
up the group address search. The hash value consists of the six most significant bits of the CRC calculated on the
Destination Address, and maps into the 64 bit multicast table. Bits 5,4,3 of the hash value select a byte of the multicast
table,
while
bits
2,1,0
determine
the
bit
within
the
byte
selected.
Examples
of
the
address
mapping:
ADDRESS
HASH VALUE 5-0
MULTICAST TABLE BIT
ED 00 00 00 00 00
0D 00 00 00 00 00
01 00 00 00 00 00
2F 00 00 00 00 00
000 000
010 000
100 111
111 111
MT-0 bit 0
MT-2 bit 0
MT-4 bit 7
MT-7 bit 7
MULTCAST - Receive frame was multicast. If hash value corresponds to a multicast table bit that is set, and the address
was a multicast, the packet will pass address filtering regardless of other filtering criteria.
I/O SPACE
The base I/O space is determined by the IOS0-IOS2 inputs and the EEPROM contents. To limit the I/O space
requirements to 16 locations, the registers are assigned to different banks. The last word of the I/O area is shared by all
banks and can be used to change the bank in use. Registers are described using the following convention:
OFFSET
NAME
TYPE
SYMBOL
HIGH
BYTE
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
X
X
X
X
X
X
X
X
LOW
BYTE
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
X
X
X
X
X
X
X
X
OFFSET - Defines the address offset within the IOBASE where the register can be accessed at, provided the bank select
has the appropriate value.
The offset specifies the address of the even byte (bits 0-7) or the address of the complete word.
The odd byte can be accessed using address (offset + 1).
Some registers (like the Interrupt Ack., or like Interrupt Mask) are functionally described as two eight bit registers, in that
case the offset of each one is independently specified.
Regardless of the functional description, all registers can be accessed as doublewords, words or bytes.
The default bit values upon hard reset are highlighted below each register.
Table 2 - Internal I/O Space Mapping
BANK0
BANK1
BANK2
BANK3
0
TCR
CONFIG
MMU COMMAND
MT0-1
2
EPH STATUS
BASE
PNR
MT2-3
4
RCR
IA0-1
FIFO PORTS
MT4-5
6
COUNTER
IA2-3
POINTER
MT6-7
8
MIR
IA4-5
DATA
MGMT
A
MCR
GENERAL
DATA
REVISION
C
RESERVED (0)
CONTROL
INTERRUPT
ERCV
E
BANK SELECT
BANK SELECT
BANK SELECT
BANK SELECT
A special BANK (BANK7) exists to support the addition of external registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com