Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 46 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 46 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 42Page - SMSC Corporation LAN91C100FD Datasheet HTML 43Page - SMSC Corporation LAN91C100FD Datasheet HTML 44Page - SMSC Corporation LAN91C100FD Datasheet HTML 45Page - SMSC Corporation LAN91C100FD Datasheet HTML 46Page - SMSC Corporation LAN91C100FD Datasheet HTML 47Page - SMSC Corporation LAN91C100FD Datasheet HTML 48Page - SMSC Corporation LAN91C100FD Datasheet HTML 49Page - SMSC Corporation LAN91C100FD Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
SMSC DS – LAN91C100FD REV. B
Page 46
Rev. 01-20-06
BOARD SETUP INFORMATION
The following parameters are obtained from the EEPROM as board setup information:
ETHERNET INDIVIDUAL ADDRESS
I/O BASE ADDRESS
10BASET or AUI INTERFACE
MII or ENDEC INTERFACE
INTERRUPT LINE SELECTION
All the above mentioned values are read from the EEPROM upon hardware reset. Except for the INDIVIDUAL ADDRESS,
the value of the IOS switches determines the offset within the EEPROM for these parameters, in such a way that many
identical boards can be plugged into the same system by just changing the IOS jumpers.
In order to support a software utility based installation, even if the EEPROM was never programmed, the EEPROM can be
written using the LAN91C100FD.
One of the IOS combination is associated with a fixed default value for the key
parameters (I/O BASE, INTERRUPT) that can always be used regardless of the EEPROM based value being
programmed. This value will be used if all IOS pins are left open or pulled high.
The EEPROM is arranged as a 64 x 16 array. The specific target device is the 9346 1024-bit Serial EEPROM. All
EEPROM accesses are done in words. All EEPROM addresses in the spec are specified as word addresses.
REGISTER
EEPROM WORD
ADDRESS
Configuration Register
Base Register
IOS Value * 4
(IOS Value * 4) + 1
INDIVIDUAL ADDRESS 20-22 hex
If IOS2-IOS0 = 7, only the INDIVIDUAL ADDRESS is read from the EEPROM. Currently assigned values are assumed for
the other registers. These values are default if the EEPROM read operation follows hardware reset.
The EEPROM SELECT bit is used to determine the type of EEPROM operation: a) normal or b) general purpose register.
a) NORMAL EEPROM OPERATION - EEPROM SELECT bit = 0
On EEPROM read operations (after reset or after setting RELOAD high) the CONFIGURATION REGISTER and BASE
REGISTER are updated with the EEPROM values at locations defined by the IOS2-0 pins. The INDIVIDUAL ADDRESS
registers are updated with the values stored in the INDIVIDUAL ADDRESS area of the EEPROM.
On EEPROM write operations (after setting the STORE bit) the values of the CONFIGURATION REGISTER and BASE
REGISTER are written in the EEPROM locations defined by the IOS2-IOS0 pins.
The three least significant bits of the CONTROL REGISTER (EEPROM SELECT, RELOAD and STORE) are used to
control the EEPROM. Their values are not stored nor loaded from the EEPROM.
b) GENERAL PURPOSE REGISTER - EEPROM SELECT bit = 1
On EEPROM read operations (after setting RELOAD high) the EEPROM word address defined by the POINTER
REGISTER 6 least significant bits is read into the GENERAL PURPOSE REGISTER.
On EEPROM write operations (after setting the STORE bit) the value of the GENERAL PURPOSE REGISTER is written at
the EEPROM word address defined by the POINTER REGISTER 6 least significant bits.
RELOAD and STORE are set by the user to initiate read and write operations respectively. Polling the value until read low
is used to determine completion. When an EEPROM access is in progress the STORE and RELOAD bits of CTR will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com