Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C202 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB97C202
Description  USB 2.0 ATA/ATAPI Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 5 Page - SMSC Corporation

  USB97C202 Datasheet HTML 1Page - SMSC Corporation USB97C202 Datasheet HTML 2Page - SMSC Corporation USB97C202 Datasheet HTML 3Page - SMSC Corporation USB97C202 Datasheet HTML 4Page - SMSC Corporation USB97C202 Datasheet HTML 5Page - SMSC Corporation USB97C202 Datasheet HTML 6Page - SMSC Corporation USB97C202 Datasheet HTML 7Page - SMSC Corporation USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 5
Revision 1.6 (01-09-07)
DATASHEET
Chapter 2
Pin Table
DISK DRIVE INTERFACE (27 Pins)
IDE_D0
IDE_D1
IDE_D2
IDE_D3
IDE_D4
IDE_D5
IDE_D6
IDE_D7
IDE_D8
IDE_D9
IDE_D10
IDE_D11
IDE_D12
IDE_D13
IDE_D14
IDE_D15
IDE_nIOR
IDE_nIOW
IDE_IRQ
IDE_DACK
IDE_DRQ
IDE_nCS0
IDE_nCS1
IDE_SA0
IDE_SA1
IDE_SA2
IORDY
USB INTERFACE (7 Pins)
USBD+
USBD-
LOOPFLTR
RBIAS
RTERM
FS+
FS-
MEMORY/IO INTERFACE (28 Pins)
MD0
MD1
MD2
MD3
MD4
MD5
MD6
MD7
MA0
MA1
MA2
MA3
MA4
MA5
MA6
MA7
MA8
MA9
MA10
MA11
MA12
MA13
MA14
MA15
nMRD
nIOR
nMWR
nIOW
MISC (15 Pins)
ROMEN
GPIO1/HS
GPIO2/EE_CS
GPIO3/VBUS
GPIO4/EE_DIO
GPIO5/ATA RESET
GPIO6/A16
GPIO7/EE_CLK
XTAL1/CLKIN
XTAL2
nRESET
nTEST0
nTEST2
nTEST2
CLKOUT
POWER, GROUNDS, and NO CONNECTS (23 Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com