Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C202 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB97C202
Description  USB 2.0 ATA/ATAPI Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 1 Page - SMSC Corporation

  USB97C202 Datasheet HTML 1Page - SMSC Corporation USB97C202 Datasheet HTML 2Page - SMSC Corporation USB97C202 Datasheet HTML 3Page - SMSC Corporation USB97C202 Datasheet HTML 4Page - SMSC Corporation USB97C202 Datasheet HTML 5Page - SMSC Corporation USB97C202 Datasheet HTML 6Page - SMSC Corporation USB97C202 Datasheet HTML 7Page - SMSC Corporation USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SMSC USB97C202
Page 1
Revision 1.6 (01-09-07)
DATASHEET
USB97C202
USB 2.0 ATA/
ATAPI Controller
Datasheet
Product Features
2.5 Volt, Low Power Core Operation
3.3 Volt I/O with 5V input tolerance
Complete USB Specification 2.0 Compatibility
−
Includes USB 2.0 Transceiver
−
A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
Complete System Solution for interfacing ATA or
ATAPI devices to USB 2.0 bus
−
Supports USB Mass Storage Compliant Bootable
BIOS
−
Supports ATA6 Drive capacities up to 2048GB
−
True UDMA Mode 4 transfer rates
−
Support for ATAPI Devices:
- CD-ROM
- CD-R
- CD-RW
- DVD
- DVD/R/W
8051 8 bit microprocessor
−
Provides low speed control functions
−
30 Mhz execution speed at 4 cycles per instruction
average
−
768 Bytes of internal SRAM for general purpose
scratchpad or program execution while re-flashing
external ROM
Double Buffered Bulk Endpoint
−
Bi-directional 512 Byte Buffer for Bulk Endpoint
−
64 Byte RX Control Endpoint Buffer
−
64 Byte TX Control Endpoint Buffer
Internal or External Program Memory Interface
−
48K Byte Internal ROM or optional 64K Byte
External Code Space using Flash, SRAM, or
EPROM Memory
On Board 12Mhz Crystal Driver Circuit
Internal PLL for 480Mhz USB 2.0 Sampling,
30Mhz MCU clock, and 60Mhz ATA clock
Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used for optional
external program memory
7 GPIOs for special function use: LED indicators,
button inputs, etc.
−
Inputs capable of generating interrupts with either
edge sensitivity
−
USB High Speed LED
−
Serial EEPROM interface for VID/PID/Serial
Number Customization (Required for internal ROM
operation)
Can share drive in MP3 player and 1394/USB
applications by isolating the IDE Interface with
other controllers.
100-Pin STQFP (12x12x1.4 body, 2mm footprint)
lead-free RoHS compliant package.
ORDERING INFORMATION
Order Number:
USB97C202-MV-05 for 100 pin, STQFP lead-free RoHS compliant package


Similar Part No. - USB97C202

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
ATA/ATAPI CONTROLLER
USB97C202-MN-02 SMSC-USB97C202-MN-02 Datasheet
305Kb / 17P
ATA/ATAPI CONTROLLER
More results

Similar Description - USB97C202

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
SMSC Corporation
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
USB 2.0 ATA/ ATAPI Controller
logo
Texas Instruments
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
USB 2.0 ATA/ ATAPI Controller
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
USB 2.0 to ATA/ATAPI Bridge Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com