Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6401L-AG6-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # UT6401L-AG6-R
Description  Dual P-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT6401L-AG6-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  UT6401L-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Notes
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under steady state conditions is 110 °C/W.
d. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω ) Typ.
ID (A) d
Qg (TYP.)
-60
0.070 at VGS = -10 V
-4.5
10.1 nC
0.085 at VGS = -4.5 V
-4.0
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-4.5
A
TC = 70 °C
-4.0
TA = 25 °C
-3.5 a,b
TA = 70 °C
-3.0 a,b
Pulsed Drain Current (t = 100 μs)
IDM
-20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
-3.9
TA = 25 °C
-2.1a,b
Avalanche Current
L = 0.1 mH
IAS
-15
Single-Pulse Avalanche Energy
EAS
11.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.2
W
TC = 70 °C
2.7
TA = 25 °C
2 a,b
TA = 70 °C
1.3 a,b
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
Dual P-Channel 60-V (D-S) MOSFET
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
UT6401L-AG6-R
www.VBsemi.com
1
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient a
t
 5 s
RthJA
100
130
°C/W
Maximum junction-to-case (drain)
Steady state
RthJF
60
75
001
服务热线:400-655-8788


Similar Part No. - UT6401L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT6401L-AG6-R UTC-UT6401L-AG6-R Datasheet
257Kb / 5P
P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT6401L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7961P ANALOGPOWER-AM7961P Datasheet
368Kb / 5P
Dual P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7949DP-T1-E3 VISHAY-SI7949DP-T1-E3 Datasheet
152Kb / 8P
Dual P-Channel 60-V (D-S) MOSFET
09-Feb-09
logo
VBsemi Electronics Co.,...
VB4610N VBSEMI-VB4610N Datasheet
728Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
VBA4670 VBSEMI-VBA4670 Datasheet
728Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7949DP VISHAY-SI7949DP_V01 Datasheet
304Kb / 12P
Dual P-Channel 60-V (D-S) MOSFET
09-Feb-09
logo
VBsemi Electronics Co.,...
VBA4625 VBSEMI-VBA4625 Datasheet
442Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
VBA4670 VBSEMI-VBA4670_V01 Datasheet
736Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
NDC7003P VBSEMI-NDC7003P Datasheet
497Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
NDS7003P VBSEMI-NDS7003P Datasheet
497Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
UPA607T VBSEMI-UPA607T Datasheet
504Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com