Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6401L-AG6-R Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # UT6401L-AG6-R
Description  Dual P-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT6401L-AG6-R Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  UT6401L-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT6401L-AG6-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
0
0.6
1.2
1.8
2.4
3
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 10V thru 4.5V
V
GS = 3 V
0
0.05
0.1
0.15
0.2
0
5
10
15
20
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
5
10
15
20
25
Q
g - Total Gate Charge (nC)
V
DS = 48 V
V
DS = 30 V
V
DS = 15 V
I
D = 3.5 A
0
0.5
1
1.5
2
0
1
2
3
4
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
315
630
945
1260
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.95
1.3
1.65
2
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 10 V, 3.5A
V
GS = 4.5 V, 2.8 A
3.5A
UT6401L-AG6-R
www.VBsemi.com
3
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com