Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2005 Datasheet(PDF) 21 Page - SMSC Corporation

Part # TMC2005
Description  ARCNET 5 Port HUB Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 17Page - SMSC Corporation TMC2005 Datasheet HTML 18Page - SMSC Corporation TMC2005 Datasheet HTML 19Page - SMSC Corporation TMC2005 Datasheet HTML 20Page - SMSC Corporation TMC2005 Datasheet HTML 21Page - SMSC Corporation TMC2005 Datasheet HTML 22Page - SMSC Corporation TMC2005 Datasheet HTML 23Page - SMSC Corporation TMC2005 Datasheet HTML 24Page - SMSC Corporation TMC2005 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ARCNET 5 Port HUB Controller
Datasheet
SMSC TMC2005-JT
Page 21
Revision 1.0 (01-30-06)
DATASHEET
CONNECTING THE TMC2005 WITH INTERNAL PLL
When using the TMC2005 at data rate 2.5Mbps or lower, it is not necessary to use internal PLL. Leave the loop filter
pins (RO, LP) open and connect AGS to the Ground. The pins for the analog power supply (AVSS, AVDD) may
connect to digital power supply. When using the TMC2005 at data rate 5Mbps or higher, the internal PLL has to be
used as a clock multiplier. PCB layout must follow the guidelines at Figure 10, refer to Notes 1 through 5.
FIGURE 10 - PLL PATTERN LAYOUT
Note 1: Prohibit the patterns for LP and RO from occupying the area of digital power supply. Use the area of analog
power supply between VAA and AVSS.
Note 2: Encircle the pattern between LP, RO and AGS with wide pattern of analog ground.
Note 3: Connect the analog power supply “VAA” with 0.1 uF condenser (a) with in 1/8 inch (~ 3.2mm) from VAA pin.
Note 4: In order to filter the jitter of low frequency, connect a 10 uF condenser (b) in parallel with the condenser (a).
Note 5: Place 0.1 uF bypass condenser (c) within ¼ inch (~ 6.4mm) from VDD3 and VSS3. Connect the ground side
of a condenser (c) at the place (*) where AVSS returns to GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com