Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2005 Datasheet(PDF) 7 Page - SMSC Corporation

Part # TMC2005
Description  ARCNET 5 Port HUB Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 3Page - SMSC Corporation TMC2005 Datasheet HTML 4Page - SMSC Corporation TMC2005 Datasheet HTML 5Page - SMSC Corporation TMC2005 Datasheet HTML 6Page - SMSC Corporation TMC2005 Datasheet HTML 7Page - SMSC Corporation TMC2005 Datasheet HTML 8Page - SMSC Corporation TMC2005 Datasheet HTML 9Page - SMSC Corporation TMC2005 Datasheet HTML 10Page - SMSC Corporation TMC2005 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ARCNET 5 Port HUB Controller
Datasheet
SMSC TMC2005-JT
Page 7
Revision 1.0 (01-30-06)
DATASHEET
PIN NO.
NAME
INPUT/OUTPUT
DESCRIPTION
NOTE
44
VDD5
Power Supply.
45
nP1BAK
OUTPUT
nPULSE1 output (for backplane mode).
46
nPULSE2
OUTPUT
nPULSE2 output (for normal mode).
47
nPULSE1
OUTPUT
nPULSE1 output (for normal mode)
48
VSS7
Ground
49
RXINA0
INPUT
Port A-0 Rx-data input from media
transceiver.
Pull-up
50
SA
INPUT
Port A. Polar assignment for RXINA0/A1
output (0:active Hi, 1:active Low)
Pull-up
51
TXENA0
OUTPUT
Port A-0 Tx output to media transceiver.
52
LA
INPUT
Port A. Polar assignment for TXENA0/A1
output (0:active Low, 1:active Hi)
Pull-up
53
RXINA1
INPUT
Port A-1 Rx-data input from media
transceiver.
Pull-up
54
MA
INPUT
Port A. Mode assignment for
TXENA0/A1 (0:pulse output, 1:Tx control
output)
Pull-up
55
TXENA1
OUTPUT
Port A-1 Tx output to media transceiver.
56
VDD6
Power Supply
57
NC
Reserved. It should be open.
58
VSS8
Ground
59
RXINB0
INPUT
Port B-0 Rx-data input from media
transceiver.
Pull-up
60
SB
INPUT
Port B. Polar assignment for RXINA0/A1
input (0:active Hi, 1:Active Low)
Pull-up
61
TXENB0
OUTPUT
Port B-0 Tx output to media transceiver.
62
LB
INPUT
Port B. Polar assignment for TXENA0/A1
output (0:active Low, 1:active Hi)
Pull-up
63
RXINB1
INPUT
Port B-1 Rx-data input from media
transceiver.
Pull-up
64
MB
INPUT
Port B. Mode assignment for
TXENA0/A1 (0:pulse output, 1:TX control
output)
Pull-up
Note:
Pull-up: Input with a pull-up resistor 70KΩ ± 30%
TX/RX Interface
FEATURE
NAME
INPUT/OUTPUT
DESCRIPTION
RX Port
RXINA [0:1]
RXINB [0:1]
EXTRX
INPUT
Setup the polarity by SA, SB, SE.
RX Port
Polar
Assignment
SA, SB, SE
INPUT
Setup the polarity of RXINA [0:1],
RXINB [0:1], EXTTX.
0 : active H
1: active L
TX Port
TX Control
TXENA [0:1]
TXENB [0:1]
EXTTX
OUTPUT
TX data pulse (Mx=0) or TX
enable signal (Mx=1).
Setup TX mode by MA, MB, ME.
Setup the polarity by LA, LB, LE
TX Port
TX Data
Output
nPULSE [1:2]
OUTPUT
TX pulse data into HYC9068S-
SK/9088S-SK when ARCNET
chip is at normal mode.
The pulse is always active Low.
TX Port
nP1BAK
OUTPUT
TX pulse data into RS485 driver
or HYC2485S/2488S when
ARCNET chip is at backplane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com