Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8405A-CS Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 18Page - Cirrus Logic CS8405A-CS Datasheet HTML 19Page - Cirrus Logic CS8405A-CS Datasheet HTML 20Page - Cirrus Logic CS8405A-CS Datasheet HTML 21Page - Cirrus Logic CS8405A-CS Datasheet HTML 22Page - Cirrus Logic CS8405A-CS Datasheet HTML 23Page - Cirrus Logic CS8405A-CS Datasheet HTML 24Page - Cirrus Logic CS8405A-CS Datasheet HTML 25Page - Cirrus Logic CS8405A-CS Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
CS8405A
22
DS469F2
8.9
Interrupt 1 Mode MSB (0Ah) and Interrupt 1 Mode LSB (0Bh)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Register 1 function. There are
three ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge ac-
tive mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge ac-
tive mode, the INT pin becomes active on the removal of the interrupt condition. In Level active mode,
the INT interrupt pin becomes active during the interrupt condition. Be aware that the active level (Ac-
tice High or Low) only depends on the INT[1:0] bits. These registers default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
8.10
Interrupt 2 Mask (0Ch)
The bits of this register serve as a mask for the Interrupt 2 register. If a mask bit is set to 1, the error
is unmasked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit
is set to 0, the error is masked, meaning that its occurrence will not affect the INT pin or the status
register. The bit positions align with the corresponding bits in Interrupt 2 register. This register defaults
to 00h.
8.11
Interrupt 2 Mode MSB (0Dh) and Interrupt Mode 2 LSB (0Eh)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Register 1 function. There are
three ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge ac-
tive mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge ac-
tive mode, the INT pin becomes active on the removal of the interrupt condition. In Level active mode,
the INT interrupt pin becomes active during the interrupt condition. Be aware that the active level (Ac-
tive High or Low) only depends on the INT[1:0] bits. These registers default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
7
6
5
43210
TSLIP1
0
0
0
0
0
EFTC1
0
TSLIP0
0
0
0
0
0
EFTC0
0
7
6
5
43210
00
0
0
0
EFTUM
0
0
7
6
5
43210
0
0
0
0
0
EFTU1
0
0
0
0
0
0
0
EFTU0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com