Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8405A-CS Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 26Page - Cirrus Logic CS8405A-CS Datasheet HTML 27Page - Cirrus Logic CS8405A-CS Datasheet HTML 28Page - Cirrus Logic CS8405A-CS Datasheet HTML 29Page - Cirrus Logic CS8405A-CS Datasheet HTML 30Page - Cirrus Logic CS8405A-CS Datasheet HTML 31Page - Cirrus Logic CS8405A-CS Datasheet HTML 32Page - Cirrus Logic CS8405A-CS Datasheet HTML 33Page - Cirrus Logic CS8405A-CS Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
CS8405A
30
DS469F2
OMCK
21 Master Clock (Input) - The frequency must be only 256x the sample rate.
ISCLK
13 Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
ILRCK
12 Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on the
SDIN pin.
SDIN
14 Serial Audio Data Port (Input) - Audio data serial input pin.
SFMT0
SFMT1
4
5
Serial Audio Data Format Select
(Input) - Selecta the serial audio input port format. See Table 3.
APMS
10 Serial Audio Data Port Master/Slave Select (Input) - APMS should be connected to VL+ to set
serial audio input port as a master or connected to DGND to set the port as a slave.
TCBLD
11 Transmit Channel Status Block Direction (Input) - Connect TCBLD to VL+ to set TCBL as an out-
put. Connect TCBLD to DGND to set TCBL as an input.
TCBL
15 Transmit Channel Status Block Start (Input/Output) - When operated as output, TCBL is high dur-
ing the first sub-frame of a transmitted channel status block, and low at all other times. When oper-
ated as input, driving TCBL high for at least three OMCK clocks will cause the next transmitted sub-
frame to be the start of a channel status block.
CEN
16 C Bit Enable (Input) - Determines how the channel status data bits are input. When CEN is low,
hardware mode A is selected, where the COPY/C, ORIG, EMPH and AUDIO pins are used to enter
selected channel status data. When CEN is high, hardware mode B is selected, where the COPY/C
pin is used to enter serial channel status data.
V
17 Validity Bit (Input) - In hardware modes A and B, the V pin input determines the state of the validity
bit in the outgoing AES3 transmitted data. This pin is sampled on both edges of the ILRCK.
U
18 User Data Bit (Input) - In hardware modes A and B, the U pin input determines the state of the user
data bit in the outgoing AES3 transmitted data. This pin is sampled on both edges of the ILRCK.
COPY/C
1 COPY Channel Status Bit/C Bit (Input) - In hardware mode A (CEN = 0), the COPY/C and ORIG
pins determine the state of the Copyright, Pro, and L Channel Status bits in the outgoing AES3 data
stream, see Table 2. In hardware mode B, the COPY/C pin becomes the direct C bit input data pin.
EMPH
3 Pre-Emphasis Indicator (Input) - In hardware mode A (CEN = 0), the EMPH pin low sets the 3
emphasis channel status bits to indicate 50/15 ms pre-emphasis of the transmitted audio data. If
EMPH is high, then the three EMPH channel status bits are set to 000, indicating no pre-emphasis.
AUDIO
19 Audio Channel Status Bit (Input) - In hardware mode A (CEN = 0), the AUDIO pin determines the
state of the audio/non audio Channel Status bit in the outgoing AES3 data stream.
ORIG
28 ORIG Channel Status Bit Control (Input) - In hardware mode A (CEN = 0), the ORIG and COPY/C
pins determine the state of the Copyright, Pro, and L Channel Status bits in the outgoing AES3 data
stream, see Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com