Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL4150 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL4150
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4150 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL4150 Datasheet HTML 1Page - Microsemi Corporation CDLL4150 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
115
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (781) 689-0803
WEBSITE: http://www.microsemi.com
• 1N4150UR-1 AVAILABLE IN
JAN, JANTX, AND JANTXV
PER MIL-PRF-19500/231
• SWITCHING DIODE
• HERMETICALLY SEALED
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80; LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE (ROJEC):
100 °C/W maximum AT L = 0
THERMAL IMPEDANCE: (ZOJX): 70
°C/W maximum
POLARITY: Cathode end is banded.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
1N4150UR-1
1N3600UR
CDLL4150
CDLL3600
V F1
V F2
V F3
V F4
V F5
Limits
I F = 1 mA dc
I F = 10 mA dc
I F = 50 mA dc
I F = 100 mA dc I F = 200 mA dc
(Pulsed)
(Pulsed)
(Pulsed)
V dc
V dc
V dc
V dc
V dc
minimum
0.540
0.680
0.780
0.820
0.870
maximum
0.620
0.740
0.860
0.920
1.000
Type
V BR
V RWM
I R1
1 R2
Ctrr
VR = 50 V dc
VR = 50 V dc
VR = 0; f = 1 Mhz; IF=IR=10to100mAdc
IR = 10 µA
TA = 25°C
TA = 150°C
ac signals = 50 m V (p-p)
R L = 100 ohms
V dc
V (pk)
µA dc
µA dc
pF
ns
CDLL3600
75
50
0.1
100
2.5
4
CDLL4150,-1
75
50
0.1
100
2.5
4
MAXIMUM RATINGS
Junction Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Operating Current: 300 mA @ TA = + 25°C
Derating: 3.1 mA dc/°C Above TEC = + 110°C
Forward Surge Current: 4A, (tp = 1µs); 0.5A (tp = 1s)
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
FORWARD VOLTAGE LIMITS – ALL TYPES


Similar Part No. - CDLL4150

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4150 CDI-DIODE-CDLL4150 Datasheet
33Kb / 2P
SWITCHING DIODE
More results

Similar Description - CDLL4150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com