Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F3ELV33 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS820F3ELV33
Description  OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F3ELV33 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS820F3ELV33 Datasheet HTML 3Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 4Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 5Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 6Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 7Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 8Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 9Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 10Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Datasheet
7
Rev. 1.1
2023-10-16
OPTIREG™ linear TLS820F3ELV33
Low dropout linear voltage regulator with watchdog and reset
General product characteristics
3
General product characteristics
3.1
Absolute maximum ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
3. Latchup robustness: class II according to AEC - Q100-04.
Table 1
Absolute maximum ratings1)
Tj = -40°C to 150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ. Max.
Voltage rating
Input voltage I
VI
-0.3
–
45
V
–
P_3.1.1
Enable voltage EN
VEN
-0.3
–
45
V
–
P_3.1.2
Output voltage Q
VQ
-0.3
–
7
V
–
P_3.1.3
Reset output RO
VRO
-0.3
–
7
V
–
P_3.1.4
Delay voltage D
VD
-0.3
–
7
V
–
P_3.1.5
Reset threshold RADJ
VRADJ
-0.3
–
7
V
–
P_3.1.6
Watchdog input WI
VWI
-0.3
–
7
V
–
P_3.1.7
Watchdog output WO
VWO
-0.3
–
7
V
–
P_3.1.8
Watchdog inhibit WINH
VWINH
-0.3
–
7
V
–
P_3.1.9
Temperature
Junction temperature
Tj
-40
–
150
°C
–
P_3.1.10
Storage temperature
Tstg
-55
–
150
°C
–
P_3.1.11
ESD robustness
ESD robustness to GND
VESD,HBM -2
–
2
kV
2) HBM all pins
2) Human body model (HBM) robustness according to AEC-Q100-002.
P_3.1.12
ESD robustness to GND
VESD,CDM -500
–
500
V
3) CDM all pins except 1, 7,
8, 14
3) Charged device model (CDM) robustness according to AEC-Q100-011 Rev-D; voltage level refers to test condition (TC)
mentioned in the standard.
P_3.1.13
ESD robustness pins 1, 7, 8, 14
to GND
VESD,CDM -750
–
750
V
3) CDM
P_3.1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com