Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F3ELV33 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS820F3ELV33
Description  OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F3ELV33 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS820F3ELV33 Datasheet HTML 1Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 2Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 3Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 4Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 5Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 6Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 7Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 8Page - Infineon Technologies AG TLS820F3ELV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Datasheet
2
Rev.1.1
2023-10-16
OPTIREG™ linear TLS820F3ELV33
Low dropout linear voltage regulator with watchdog and reset
Description
The OPTIREG™ linear TLS820F3ELV33 is a high performance low drop out fixed output voltage regulator in a
PG-SSOP-14 package. With an input voltage range of 3 V to 42 V and very low quiescent current of only 26 µA,
these regulators are perfectly suitable for automotive systems or other supply systems connected to the
battery permanently. The TLS820F3ELV33 provides an output voltage accuracy of ±2% and a maximum output
current of 200 mA.
The loop concept combines fast regulation and very good stability while requiring only one small ceramic
capacitor of 1 µF at the output. The operating range starts already at an input voltage of only 3 V (extended
operating range). This makes the TLS820F3ELV33 also suitable to supply automotive systems that need to
operate during cranking condition.
The device can be switched on and off via Enable.
The Reset supervises the output voltage, including undervoltage reset, delay reset at power-on and an
adjustable lower reset threshold.
An integrated Watchdog circuit with adjustable timing monitors the microcontroller’s operation. A shared
external delay capacitor sets both reset timing and watchdog timing.
Internal protection features such as output current limitation and overtemperature shutdown are
implemented to protect the device against immediate damage due to failures such as output short circuit to
GND, overcurrent and overtemperature.
Type
Package
Marking
TLS820F3ELV33
PG-SSOP-14
820F3V33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com