Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 1 Page - RFE international

Part # ES2F
Description  Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

ES2F Datasheet(HTML) 1 Page - RFE international

  ES2F Datasheet HTML 1Page - RFE international ES2F Datasheet HTML 2Page - RFE international ES2F Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low profile package
Ideal for automated placement
Glass passivated chip junction
High forward surge capability
Super Fast reverse recovery time
Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
For use in high frequency rectification of power supplies,
inverters, converters, and freewheeling diodes for consumer
and telecommunication.
Package: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
PARAMETER
SYMBOL UNIT ES2A ES2B ES2C ES2D ES2F ES2G ES2H ES2J ES2K
Device marking code
ES2A ES2B ES2C ES2D ES2F ES2G ES2H ES2J ES2K
Repetitive peak reverse voltage
VRRM
V
50
100
150
200
300
400
500
600
800
Average rectified output current
@60Hz sine wave, resistance load, TL (Fig.1)
IO
0
.
2
A
Surge(non-repetitive)forward current
@60Hz half-sine wave,1 cycle, Ta=25
IFSM
0
5
A
Storage temperature
Tstg
-55~+150
Junction temperature
Tj
-55~+150
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
ES2A ES2B ES2C ES2D ES2F ES2G ES2H ES2J ES2K
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=2.0A
0.95
1.3
1.7
1.85
Maximum reverse recovery time
TRR
ns IF=0.5A,IR=1.0A,
Irr=0.25A
35
Maximum DC reverse current
at rated DC blocking voltage
per diode @ VRM=VRRM
IRRM
A
Ta =25
5.0
Ta =125
100
Surface Mount Super Fast Recovery Recifier
ES2A Through ES2K
DO-214AA
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
ES2A
ES2B
ES2C
ES2D
ES2F
ES2G
ES2H
ES2J
ES2K
Thermal resistance
R J-A(1)
/W
85
R J-L(1)
2
2
Note: Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper pad areas
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
S-S025
08-12-2020
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ES2A SMCDIODE-ES2A Datasheet
343Kb / 4P
ES2A-ES2J SURFACE MOUNT SUPER FAST RECTIFIER
Rev. E
logo
RFE international
E1A RFE-E1A Datasheet
2Mb / 4P
Surface Mount Super Fast Recovery Rectifier E1A Through E1J
10-12-2022
E1AFS RFE-E1AFS Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier E1AFS Through E1JFS
10-14-2022
E2AF RFE-E2AF Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier E2AF Through E2KF
10-14-2022
ES1A RFE-ES1A Datasheet
1Mb / 3P
Surface Mount Super Fast Recifier Diodes ES1A Through ES1K
08-12-2020
MUR1020 RFE-MUR1020 Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1020 Through MUR1060
08-10-2020
MUR1640 RFE-MUR1640 Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640 Through MUR1660
09-08-2020
MUR2010CT RFE-MUR2010CT Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR2010CT Through MUR2060CT
28-10-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR2040FCT RFE-MUR2040FCT Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR2040FCT Through MUR2060FCT
28-10-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com