Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2515L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRB2515L
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB2515L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRB2515L Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB2515L Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier
MBRB2515L
www.iscsemi.com
1
FEATURES
·Guardring for Stress Protection
·Low Forward Voltage
MECHANICAL CHARACTERISTICS
·Low Voltage High Frequency Switching Power Supply
·Low Voltage High Frequency Invers Circuit
·Low Voltage Continued Circuit and Protection Circuit
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
15
V
IF(AV)
Average Rectified Forward Current
(Rated VR, TC = 90°C)
25
A
IFSM
Nonrepetitive Peak Surge Current
(Rated VR, Square Wave,20 kHz, TC =
100°C)
30
A
TJ
Junction Temperature
-65~150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - MBRB2515L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
Sirectifier Semiconduct...
MBRB2515L SIRECTIFIER-MBRB2515L Datasheet
108Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
ON Semiconductor
MBRB2515L ONSEMI-MBRB2515L Datasheet
60Kb / 4P
SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
logo
Sirectifier Semiconduct...
MBRB2515L SIRECTIFIER-MBRB2515L Datasheet
128Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
logo
ON Semiconductor
MBRB2515LG ONSEMI-MBRB2515LG Datasheet
60Kb / 4P
SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
More results

Similar Description - MBRB2515L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com