Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK20100CD2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SK20100CD2
Description  isc Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SK20100CD2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SK20100CD2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SK20100CD2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISS5010
eq SK20100CD2
isc Schottky Barrier Rectifier
www.iscsemi.com
1
FEATURES
·Multi-layer Metal -Silicon Potential Structure
·Low Leakage Current
·High Current Capability, High Efficiency
·High Junction Temperature Capability
MECHANICAL CHARACTERISTICS
·Low Voltage High Frequency Switching Power Supply
·Low Voltage High Frequency Invers Circuit
·Low Voltage Continued Circuit and Protection Circuit
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
100
V
IF(AV)
Average Rectified Forward Current
10
20
A
IFSM
Peak Forward Surge Current 50/60Hz
Half Sine-Wave
50Hz(10ms)
110
125
A
60Hz(8.3ms)
I2t
Rating For Fusing-Grenzlastintegral
80
A2S
TJ
Junction Temperature
-50~150
℃
Tstg
Storage Temperature Range
-50~175
℃


Similar Part No. - SK20100CD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK20100CD2 DIOTEC-SK20100CD2 Datasheet
120Kb / 2P
Surface Mount Schottky Rectifier Diodes - Common Cathode
SK20100CD2 DIOTEC-SK20100CD2 Datasheet
117Kb / 2P
Surface Mount Schottky Rectifiers- Common Cathode
SK20100CD2 DIOTEC-SK20100CD2 Datasheet
165Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK20100CD2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com