Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA7210IP Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA7210IP Datasheet HTML 3Page - Intersil Corporation HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation HA7210IP Datasheet HTML 10Page - Intersil Corporation HA7210IP Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Typical Performance Curves
FIGURE 5. OUTPUT WAVEFORM (CL = 40pF)
FIGURE 6. OUTPUT WAVEFORM (CL = 18pF)
FIGURE 7. SUPPLY CURRENT vs TEMPERATURE
FIGURE 8. SUPPLY CURRENT vs TEMPERATURE
FIGURE 9. DISABLE SUPPLY CURRENT vs TEMPERATURE
FIGURE 10. DISABLE SUPPLY CURRENT vs TEMPERATURE
NOTE:
Refer to Test Circuit (Figure 1).
1.0V/DIV.
20.0ns/DIV.
CL = 40pF, fOSC = 5MHz, VDD = 5V, VSS = GND
1.0V/DIV.
20.0ns/DIV.
CL = 18pF, fOSC = 5MHz, VDD = 5V, VSS = GND
-100
-50
0
50
100
150
750
800
850
900
950
1000
1050
TEMPERATURE (oC)
fIN = 5MHz, EN = 1, F1 = 0, F2 = 0, CL = 30pF, VDD = 5V
XTAL AT 25
oC
GENERATOR (1VP-P) (NOTE)
-100
-50
0
50
100
150
18
19
20
21
22
23
24
25
26
TEMPERATURE (oC)
EN = 1, F1 = 1, F2 = 1, fIN = 100kHz, CL = 30pF, VDD = 5V
XTAL AT 25
oC
GENERATOR (1VP-P) (NOTE)
-100
-50
0
50
100
150
0
50
100
150
200
250
300
350
TEMPERATURE (oC)
fIN = 5MHz, EN = 0, F1 = 0, F2 = 0, VDD = 5V
GENERATOR (1VP-P) (NOTE)
XTAL AT 25
oC
-100
-50
0
50
100
150
4
4.5
5
5.5
6
6.5
7
7.5
TEMPERATURE (oC)
GENERATOR (1VP-P) (NOTE)
XTAL AT 25
oC
EN = 0, F1 = 1, F2 = 1, fIN = 100kHz, VDD = 5V
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com