Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA7210IP Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation HA7210IP Datasheet HTML 10Page - Intersil Corporation HA7210IP Datasheet HTML 11Page - Intersil Corporation HA7210IP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FIGURE 11. SUPPLY CURRENT vs FREQUENCY
FIGURE 12. SUPPLY CURRENT vs FREQUENCY
FIGURE 13. SUPPLY CURRENT vs FREQUENCY
FIGURE 14. SUPPLY CURRENT vs FREQUENCY
FIGURE 15. DISABLED SUPPLY CURRENT vs FREQUENCY
FIGURE 16. DISABLE SUPPLY CURRENT vs FREQUENCY
Typical Performance Curves (Continued)
NOTE:
Refer to Test Circuit (Figure 1).
45
6
7
89
10
11
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
EN = 1, F1 = 0, F2 = 0, CL = 18pF, GENERATOR (1VP-P) (NOTE)
VDD = +8V
VDD = +5V
01
23
4
5
6
0
200
400
600
800
1000
1200
1400
FREQUENCY (MHz)
VDD = +8V
EN = 1, F1 = 0, F2 =1, CL = 18pF, GENERATOR (1VP-P) (NOTE)
VDD = +5V
VDD = +3V
0
100
200
300
400
500
600
700
800
900 1000 1100
0
50
100
150
200
250
300
FREQUENCY (kHz)
VDD = +8V
VDD = +5V
VDD = +3V
EN = 1, F1 = 0, F2 = 0, CL = 18pF, GENERATOR (1VP-P) (NOTE)
0
1020
304050
6070
8090
100
110
0
10
20
30
40
50
FREQUENCY (kHz)
EN = 1, F1 = 0, F2 = 0, CL = 18pF, GENERATOR (1VP-P) (NOTE)
VDD = +8V
VDD = +5V
VDD = +3V
456
78
9
10
11
0
50
100
150
200
250
EN = 0, F1 = 0, F2 = 0, CL = 18pF, GENERATOR (1VP-P) (NOTE)
FREQUENCY (MHz)
VDD = +8V
VDD = +5V
VDD = +3V
01
2
3
45
6
30
40
50
60
70
80
90
100
110
120
EN = 0, F1 = 0, F2 = 1, CL = 18pF, GENERATOR (1VP-P) (NOTE)
FREQUENCY (MHz)
VDD = +8V
VDD = +5V
VDD = +3V
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com