Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA64 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA64
Description  PNP SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA64 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA64 Datasheet HTML 1Page - Diodes Incorporated MMSTA64 Datasheet HTML 2Page - Diodes Incorporated MMSTA64 Datasheet HTML 3Page - Diodes Incorporated MMSTA64 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30159 Rev. 8 - 2
2 of 4
MMSTA63/MMSTA64
www.diodes.com
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Emitter Breakdown Voltage
V(BR)CEO
-30
¾
V
IC = -100
mAVBE = 0V
Collector Cutoff Current
ICBO
¾
-100
nA
VCB = -30V, IE = 0
Emitter Cutoff Current
IEBO
¾
-100
nA
VEB = -10V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
MMSTA63
MMSTA64
MMSTA63
MMSTA64
hFE
5,000
10,000
10,000
20,000
¾¾
IC = -10mA, VCE = -5.0V
IC = -10mA, VCE = -5.0V
IC = -100mA, VCE = -5.0V
IC = -100mA, VCE = -5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-1.5
V
IC = -100mA, IB = -100
mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
-2.0
V
IC = -100mA, VCE = -5.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
125
¾
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature
A
100
150
200
0
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 2, Collector Emitter Saturation Voltage
vs. Collector Current
C
I
C
I
B
= 1000
T = 150°C
A
T = 25°C
A
T = -50°C
A
100
1,000
10,000,000
10,000
100,000
1,000,000
1
10
1000
100
I , COLLECTOR CURRENT (mA)
Fig. 3, DC Current Gain vs
Collector Current
C
V= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Base Emitter Voltage
vs. Collector Current
C
V= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com