Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA64 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMSTA64
Description  PNP SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA64 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMSTA64 Datasheet HTML 1Page - Diodes Incorporated MMSTA64 Datasheet HTML 2Page - Diodes Incorporated MMSTA64 Datasheet HTML 3Page - Diodes Incorporated MMSTA64 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30159 Rev. 8 - 2
3 of 4
MMSTA63/MMSTA64
www.diodes.com
1
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 5, Gain Bandwidth Product vs.
Collector Current
C
V= 5V
CE
Ordering Information
(Note 4 & 6)
Device
Packaging
Shipping
MMSTA63-7-F
SOT-323
3000/Tape & Reel
MMSTA64-7-F
SOT-323
3000/Tape & Reel
Notes:
4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product
manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration test pulse used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KxE
KxE = Product Type Marking Code, e.g. K2E = MMSTA63
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
JK
L
M
N
P
R
ST
U
V
W
X
YZ
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com